Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5925B Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5925B
Description  1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5925B Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5925B Datasheet HTML 1Page - Maxim Integrated Products MAX5925B Datasheet HTML 2Page - Maxim Integrated Products MAX5925B Datasheet HTML 3Page - Maxim Integrated Products MAX5925B Datasheet HTML 4Page - Maxim Integrated Products MAX5925B Datasheet HTML 5Page - Maxim Integrated Products MAX5925B Datasheet HTML 6Page - Maxim Integrated Products MAX5925B Datasheet HTML 7Page - Maxim Integrated Products MAX5925B Datasheet HTML 8Page - Maxim Integrated Products MAX5925B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1V to 13.2V, n-Channel Hot-Swap Controllers
Require No Sense Resistor
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC, EN (MAX5924/MAX5925), EN1 (MAX5926) = +2.25V to +13.2V; EN2 (MAX5926) = 0V; VS (see Figure 1) = +1.05V to VCC; TA =
-40°C to +85°C, unless otherwise noted. Typical values are at VCC = 5V, RL = 500
Ω from OUT to GND, CL = 1µF, SLEW = open, TA
= +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Circuit-Breaker Programming
Current During Startup
ICB,SU
2 x ICB
µA
Circuit-Breaker Enable Threshold
VCB,EN
VGATE - VOUT, rising gate voltage (Note 6)
2.3
3.6
4.65
V
Circuit-Breaker Comparator
Offset Voltage
VCB_OS
0.3
±4.7
mV
Fast Circuit-Breaker Offset
Resistor
RCBF
Figure 3
1.2
1.9
2.7
k
Slow Circuit-Breaker Delay
tCBS
VCB - VSENSE = 10mV
0.95
1.6
2.95
ms
Fast Circuit-Breaker Delay
tCBF
VCB - VSENSE = 500mV
280
ns
Circuit-Breaker Trip Gate
Pulldown Current
IGATE,PD
VGATE = 2.5V, VCC = 13.2V
13.5
27
mA
MAX5924, TC = high (MAX5926)
0
Circuit-Breaker Temperature
Coefficient
TCICB
MAX5925, TC = low (MAX5926)
3300
ppm/°C
OUT Current
IOUT
120
µA
MOSFET DRIVER
External Gate Drive
VGS
VGATE - VOUT
2.25V
≤ VCC ≤ 13.2V
3.0
4.91
6.70
V
SLEW = open, CGATE = 10nF
2.19
9.5
Load Voltage Slew Rate
SR
CSLEW = 300nF, CGATE = 10nF (Note 8)
0.84
V/ms
Gate Pullup Current Capacity
IGATE
VGATE = 0V
239
µA
ENABLE COMPARATOR
EN, EN1 Reference Threshold
VEN/UVLO
VEN (MAX5924/MAX5925) or
VEN1 (MAX5926) rising
0.747
0.795
0.850
V
EN, EN1 Hysteresis
VEN,HYS
30
mV
EN, EN1 Input Bias Current
IEN
EN (MAX5924/MAX5925) = VCC,
EN1 (MAX5926) = VCC
±8
±50
nA
DIGITAL OUTPUTS (PGOOD,
PGOOD)
Power-Good Output Low Voltage
VOL
IOL = 1mA
0.3
0.4
V
Power-Good Output Open-Drain
Leakage Current
IOH
PGOOD/PGOOD = 13.2V
0.2
1
µA
Power-Good Trip Point
VTHPGOOD VGATE - VOUT, rising gate voltage
VCB_EN
3.6
4.7
V
Power-Good Hysteresis
VPG,HYS
0.36
V


Similar Part No. - MAX5925B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5925BEUB MAXIM-MAX5925BEUB Datasheet
988Kb / 20P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
Rev 0; 10/04
MAX5925BEUB MAXIM-MAX5925BEUB Datasheet
339Kb / 21P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
19-3443; Rev 3; 4/10
MAX5925BEUB MAXIM-MAX5925BEUB Datasheet
1Mb / 22P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
2016
More results

Similar Description - MAX5925B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5924 MAXIM-MAX5924_10 Datasheet
339Kb / 21P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
19-3443; Rev 3; 4/10
MAX5924 MAXIM-MAX5924 Datasheet
988Kb / 20P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
Rev 0; 10/04
MAX5924 MAXIM-MAX5924_V01 Datasheet
1Mb / 22P
   1V to 13.2V, n-Channel Hot-Swap Controllers Require No Sense Resistor
2016
MAX5977A_1107 MAXIM-MAX5977A_1107 Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers 1V to 16V, Single-Channel, Hot-Swap Controllers
Rev 2; 7/11
MAX5977A MAXIM-MAX5977A Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers with Precision Current-Sensing Output
Rev 1; 1/11
logo
Micrel Semiconductor
MIC2085 MICREL-MIC2085 Datasheet
1,014Kb / 29P
   Single Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582 Datasheet
190Kb / 22P
   Single Channel Hot Swap Controllers
logo
Microchip Technology
MIC2582 MICROCHIP-MIC2582 Datasheet
2Mb / 32P
   Single-Channel Hot Swap Controllers
02/28/20
logo
Micrel Semiconductor
MIC2582 MICREL-MIC2582_14 Datasheet
1Mb / 27P
   Single-Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582_09 Datasheet
831Kb / 25P
   Single Channel Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com