Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62227 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62227
Description  400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62227 Datasheet(HTML) 3 Page - Texas Instruments

  TPS62227 Datasheet HTML 1Page - Texas Instruments TPS62227 Datasheet HTML 2Page - Texas Instruments TPS62227 Datasheet HTML 3Page - Texas Instruments TPS62227 Datasheet HTML 4Page - Texas Instruments TPS62227 Datasheet HTML 5Page - Texas Instruments TPS62227 Datasheet HTML 6Page - Texas Instruments TPS62227 Datasheet HTML 7Page - Texas Instruments TPS62227 Datasheet HTML 8Page - Texas Instruments TPS62227 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS62220, TPS62221, TPS62222
TPS62223, TPS62224, TPS62227
TPS62228, TPS62229
SLVS491D – SEPTEMBER 2003 – REVISED MARCH 2006
V
I = 3.6 V, VO = 1.8 V, IO = 200 mA, EN = VIN, TA = -40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VI
Input voltage range
2.5
6
V
IQ
Operating quiescent current
IO = 0 mA, Device is not switching
15
25
µA
Shutdown supply current
EN = GND
0.1
1
µA
Undervoltage lockout threshold
1.5
2
V
ENABLE
EN high level input voltage
1.3
V
V(EN)
EN low level input voltage
0.4
V
I(EN)
EN input bias current
EN = GND or VIN
0.01
0.1
µA
POWER SWITCH
VI = VGS = 3.6 V
530
670
P-channel MOSFET on-resistance
m
VI = VGS = 2.5 V
670
850
rDS(on)
VI = VGS = 3.6 V
430
540
N-channel MOSFET on-resistance
m
VI = VGS = 2.5 V
530
660
P-channel leakage current
VDS = 6 V
0.1
1
µA
Ilkg
N-channel leakage current
VDS = 6 V
0.1
1
µA
I(LIM)
P-channel current limit
2.5 V < VI < 6 V
600
670
880
mA
OSCILLATOR
fS
Switching frequency
0.8
1.25
1.85
MHz
OUTPUT
IO
Output current
400
mA
Adjustable output voltage
VO
TPS62220
0.7
VIN
V
range
Vref
Reference voltage
0.5
V
VI = 3.6 V to 6 V, IO = 0 mA
0%
3%
TPS62220
Feedback voltage, See (1)
Adjustable
VI = 3.6 V to 6 V, 0 mA ≤ IO ≤ 400 mA
-3%
3%
VI = 2.5 V to 6 V, IO = 0 mA
0%
3%
TPS62221
1.5 V
VI = 2.5 V to 6 V, 0 mA≤ IO ≤ 400 mA
-3%
3%
VI = 2.5 V to 6 V, IO = 0 mA
0%
3%
TPS62224
1.6 V
VI = 2.5 V to 6 V, 0 mA ≤ IO ≤ 400 mA
-3%
3%
VI = 2.5 V to 6 V, IO = 0 mA
0%
3%
TPS62229
1.7 V
VI = 2.5 V to 6 V, 0 mA ≤ IO ≤ 400 mA
-3%
3%
VI = 2.5 V to 6 V, IO = 0 mA
0%
3%
TPS62222
VO
Fixed output voltage
1.8 V
VI = 2.5 V to 6 V, 0 mA ≤ IO ≤ 400 mA
-3%
3%
VI = 2.5 V to 6 V, IO = 0 mA
0%
3%
TPS62228
1.875 V
VI = 2.5 V to 6 V, 0 mA ≤ IO ≤ 400 mA
-3%
3%
VI = 2.7 V to 6 V, IO = 0 mA
0%
3%
TPS62223
2.3 V
VI = 2.7 V to 6 V, 0 mA ≤ IO ≤ 400 mA
-3%
3%
VI = 2.7 V to 6 V, IO = 0 mA
0%
3%
TPS62227
1.2 V
VI = 2.7 V to 6 V, 0 mA ≤ IO ≤ 400 mA
-3%
3%
Line regulation
VI = 2.5 V to 6 V, IO = 10 mA
0.26
%/V
Load regulation
IO = 100 mA to 400 mA
0.0014
%/mA
Leakage current into SW pin
VI > VO, 0 V ≤ V(SW) ≤ VI
0.1
1
µA
Ilkg
Reverse leakage current into pin SW
VI = open, EN = GND, V(SW) = 6 V
0.1
1
µA
(1)
For output voltages
≤ 1.2 V, a 22-µF output capacitor value is required to achieve a maximum output voltage accuracy of 3% while
operating in power-save mode (PFM mode). For output voltages
≥ 2 V, an inductor of 10 µH and an output capacitor of ≥ 10 µF is
recommended. See the Application Information section for external components.
3
Submit Documentation Feedback


Similar Part No. - TPS62227

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62227 TI-TPS62227 Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62227DDC TI-TPS62227DDC Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62227DDCR TI-TPS62227DDCR Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62227DDCRG4 TI-TPS62227DDCRG4 Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62227DDCT TI-TPS62227DDCT Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
More results

Similar Description - TPS62227

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62220 TI-TPS62220 Datasheet
464Kb / 20P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220 TI-TPS62220_09 Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040 Datasheet
372Kb / 21P
[Old version datasheet]   1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com