Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SII1169 Datasheet(PDF) 1 Page - Silicon image

Part # SII1169
Description  PanelLink Receiver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII1169 Datasheet(HTML) 1 Page - Silicon image

  SII1169 Datasheet HTML 1Page - Silicon image SII1169 Datasheet HTML 2Page - Silicon image  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon Image’s most advanced DVI receiver, the SiI 1169enables the easy and low-
cost addition of the DVI-HDCP interface to LCD monitors, projectors, digital
televisions (DTVs), plasma displays and LCD TVs. With the DVI-compliant SiI 1169,
displays can realize consistently high image quality while receiving premium video
content encrypted with High-bandwidth Digital Content Protection (HDCP). HDCP
has received support from major Hollywood studios. Integrated, pre-programmed
HDCP keys significantly simplify manufacturing while providing the highest level of
security. With a full DVI single-link bandwidth of 25-165MHz, the SiI 1169 supports
all HDTV resolutions (720p/1080i/1080p) and PC resolutions up to UXGA. The
SiI 1169 offers high jitter tolerance and efficient power management and is based
on an innovative and new scalable PLL architecture that enables interoperability
with a broader range of DVI transmitters. A new programmable equalizer takes
the SiI 1169 to unprecedented performance levels over longer cable lengths.
Two SiI 1169 receivers may be used together to suppor t dual-link applications.
Synchronization circuitry coordinates data output between the two parts. This flexible
design allows one circuit board to serve for both single- and dual-link applications,
populating the second SiI 1169 receiver when needed.
All these features and benefits are provided in a 100-pin TQFP package that is back-
ward compatible with the SiI 161B, SiI 169, SiI 1161 and SiI 163B PanelLink® receivers.
The SiI 1169 allows DTV manufacturers to quickly and easily integrate the DVI-HDCP
interface into their advanced digital products. By supporting HDCP for DVI now,
new applications in display security can be realized that enable viewing of premium
video content.
Applications
LCD Monitors
Projectors
Digital TVs
Plasma Displays
LCD TVs
Si
I
1169
PanelLink Receiver
ALL
DIGIT AL
NO
LIMITS
Clock
Pixel data
DE
Clock
Pixel data
DE
Channel C
Display
(DTV, LCD TV, Plasma Display, Projector)
Channels 0, 1, 2
Host
(Set-top Box, DVD, D-VHS, A/V Receiver)
Video
Source
Digital
Display
SiI 170B
PanelLink
HDCP
Transmitter
SiI 1169
PanelLink
HDCP
Receiver
Control & Authentication (I2C)


Similar Part No. - SII1169

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII1160 SILICONIMAGE-SII1160 Datasheet
944Kb / 33P
   PanelLink Transmitter
SII1160CTU SILICONIMAGE-SII1160CTU Datasheet
944Kb / 33P
   PanelLink Transmitter
SII1161 SILICONIMAGE-SII1161 Datasheet
378Kb / 46P
   PanelLink Receiver
SII1161CT100 SILICONIMAGE-SII1161CT100 Datasheet
378Kb / 46P
   PanelLink Receiver
SII1161CTU SILICONIMAGE-SII1161CTU Datasheet
378Kb / 46P
   PanelLink Receiver
More results

Similar Description - SII1169

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9993-35-IP SILICONIMAGE-SII9993-35-IP Datasheet
158Kb / 2P
   PanelLink Receiver
SII1161 SILICONIMAGE-SII1161 Datasheet
378Kb / 46P
   PanelLink Receiver
SII9011 SILICONIMAGE-SII9011 Datasheet
230Kb / 2P
   PanelLink Receiver
SII9031 SILICONIMAGE-SII9031 Datasheet
170Kb / 2P
   PanelLink Receiver
SII1151 SILICONIMAGE-SII1151 Datasheet
357Kb / 44P
   PanelLink Receiver
SII9021 SILICONIMAGE-SII9021 Datasheet
237Kb / 2P
   PanelLink Receiver
SII1171 SILICONIMAGE-SII1171 Datasheet
511Kb / 2P
   PanelLink Receiver
SII169 SILICONIMAGE-SII169 Datasheet
111Kb / 2P
   PanelLink Receiver
logo
List of Unclassifed Man...
SII161A ETC-SII161A Datasheet
260Kb / 22P
   SiI 161A PanelLink Receiver
SII141 ETC1-SII141 Datasheet
84Kb / 12P
   SiI 141B PanelLink Digital Receiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com