Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74V1T03 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74V1T03
Description  SINGLE 2-INPUT OPEN DRAIN NAND GATE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1T03 Datasheet(HTML) 4 Page - STMicroelectronics

  74V1T03 Datasheet HTML 1Page - STMicroelectronics 74V1T03 Datasheet HTML 2Page - STMicroelectronics 74V1T03 Datasheet HTML 3Page - STMicroelectronics 74V1T03 Datasheet HTML 4Page - STMicroelectronics 74V1T03 Datasheet HTML 5Page - STMicroelectronics 74V1T03 Datasheet HTML 6Page - STMicroelectronics 74V1T03 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TEST CIRCUIT
CL = 15/50 pF or equivalent (includes jig and probe capacitance)
RL =R1 =1K
Ω or equivalent
RT =ZOUT of pulse generator (typically 50
Ω)
WAVEFORM: PROPAGATION DELAYS (f=1MHz; 50% duty cycle)
74V1T03
4/7


Similar Part No. - 74V1T03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T00 STMICROELECTRONICS-74V1T00 Datasheet
48Kb / 7P
   SINGLE 2-INPUT NAND GATE
October 1999
74V1T00 STMICROELECTRONICS-74V1T00 Datasheet
108Kb / 9P
   SINGLE 2-INPUT NAND GATE
74V1T00C STMICROELECTRONICS-74V1T00C Datasheet
48Kb / 7P
   SINGLE 2-INPUT NAND GATE
October 1999
74V1T00CTR STMICROELECTRONICS-74V1T00CTR Datasheet
108Kb / 9P
   SINGLE 2-INPUT NAND GATE
74V1T00S STMICROELECTRONICS-74V1T00S Datasheet
48Kb / 7P
   SINGLE 2-INPUT NAND GATE
October 1999
More results

Similar Description - 74V1T03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G03 STMICROELECTRONICS-74V1G03_04 Datasheet
112Kb / 9P
   SINGLE 2-INPUT OPEN DRAIN NAND GATE
74V1G03 STMICROELECTRONICS-74V1G03 Datasheet
49Kb / 7P
   SINGLE 2-INPUT OPEN DRAIN NAND GATE
September 1999
74LX1G03 STMICROELECTRONICS-74LX1G03 Datasheet
115Kb / 10P
   SINGLE 2-INPUT OPEN DRAIN NAND GATE
logo
NXP Semiconductors
74LVC1G38 NXP-74LVC1G38 Datasheet
84Kb / 15P
   2-input NAND gate; open drain
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G38-Q100 NEXPERIA-74LVC1G38-Q100 Datasheet
783Kb / 13P
   2-input NAND gate; open drain
74LVC1G38 NEXPERIA-74LVC1G38 Datasheet
261Kb / 17P
   2-input NAND gate; open drain
Rev. 10 - 12 January 2022
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_16 Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_16 Datasheet
84Kb / 6P
   Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_17 Datasheet
723Kb / 19P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
   QUAD 2-INPUT OPEN DRAIN NAND GATE
June 1999
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com