Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XB1117 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XB1117
Description  1A Low Dropout Positive Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XB1117 Datasheet(HTML) 5 Page - Torex Semiconductor

  XB1117 Datasheet HTML 1Page - Torex Semiconductor XB1117 Datasheet HTML 2Page - Torex Semiconductor XB1117 Datasheet HTML 3Page - Torex Semiconductor XB1117 Datasheet HTML 4Page - Torex Semiconductor XB1117 Datasheet HTML 5Page - Torex Semiconductor XB1117 Datasheet HTML 6Page - Torex Semiconductor XB1117 Datasheet HTML 7Page - Torex Semiconductor XB1117 Datasheet HTML 8Page - Torex Semiconductor XB1117 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
XB1117
Series
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
7.0
V
Thermal Resistance
(Junction to Case)
θ
JC
15
Thermal Resistance
(Junction to Ambient)
θ
JA
160
/W
Power Dissipation (ΔT=100℃)
PD
625
mW
Operating Temperature Range
TOPR
0 ~ 70
Operating Temperature Range
TJ
0 ~ 125
Storage Temperature Range
TSTG
-65 ~ 150
Lead Temperature
TLEAD
260
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output Voltage
VOUT
VIN=5.0V
IOUT=0A
*Over Temp.
1.782
1.800
1.818
V
Line Regulation
Δ
VOUT1
4.75V≦VIN≦7.0V
IOUT = 0A
-
1.0
5.5
mV
-
1.80
18.2
Load Regulation
Δ
VOUT2
VIN=5.0V
0A≦IOUT≦1.0A
*Over Temp.
-
3.70
22.0
mV
-
1.2
1.4
Dropout Voltage
Vdif
Δ
VOUT=±1%
0A≦IOUT≦1.0A
*Over Temp.
-
1.3
-
V
Current Limit
Ilim
4.75V≦VIN≦7.0V
*Over Temp.
1.0
1.5
-
A
Supply Current
ISS
VIN=5.0V
0A≦IOUT≦1.0A
*Over Temp.
-
6
13
mA
Temperature
Coefficient
TC
4.75V≦VIN≦7.0V
0A≦IOUT≦1.0A
50
-
ppm/
Temperature Stability
TS
VIN=5.0V
IOUT=100mA
*Over Temp.
-
0.5
-
STANDARD VALUE
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
2.475
2.500
2.525
Output Voltage
VOUT
VIN=5.0V
IOUT=0A
*Over Temp.
2.450
2.500
2.550
V
Line Regulation
Δ
VOUT1
4.75V≦VIN≦7.0V
IOUT=0A
-
1.0
6.8
mV
-
2.5
25.3
Load Regulation
Δ
VOUT2
VIN=5.0V
0A≦IOUT≦1.0A
*Over Temp.
-
5.1
30.3
mV
-
1.2
1.4
Dropout Voltage
Vdif
Δ
VOUT=±1%
0A≦IOUT≦1.0A
*Over Temp.
-
1.3
-
V
Current Limit
Ilim
4.75V≦VIN≦7.0V
*Over Temp.
1.0
1.5
-
A
Supply Current
ISS
VIN=5.0V
0A≦IOUT≦1.0A
*Over Temp.
-
6
13
mA
Temperature
Coefficient
TC
4.75V≦VIN≦7.0V
0A≦IOUT≦1.0A
-
50
-
ppm/
Temperature Stability
TS
VIN=5.0V
IOUT=100mA
*Over Temp.
-
0.5
-
ABSOLUTE MAXIMUM RATINGS
TJ=25℃
*Stress above the listed absolute maximum rating may cause permanent damage to the device.
ELECTRICAL CHARACTERISTICS
XB1117P181
*Over Temp. = Over Temperature (0~+70℃)
TJ =25℃
*Over Temp. = Over Temperature (0~+70℃)
XB1117P181, P251, P331, K12B
XB1117P251


Similar Part No. - XB1117

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1117 TOREX-XB1117 Datasheet
447Kb / 10P
   1A Low Dropout Positive Voltage Regulator
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
XB1117K12BFL TOREX-XB1117K12BFL Datasheet
447Kb / 10P
   1A Low Dropout Positive Voltage Regulator
XB1117K12BFR TOREX-XB1117K12BFR Datasheet
447Kb / 10P
   1A Low Dropout Positive Voltage Regulator
XB1117K12BFR-G TOREX-XB1117K12BFR-G Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - XB1117

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com