Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XB1085P331JR Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XB1085P331JR
Description  3.0A Positive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XB1085P331JR Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XB1085P331JR Datasheet HTML 3Page - Torex Semiconductor XB1085P331JR Datasheet HTML 4Page - Torex Semiconductor XB1085P331JR Datasheet HTML 5Page - Torex Semiconductor XB1085P331JR Datasheet HTML 6Page - Torex Semiconductor XB1085P331JR Datasheet HTML 7Page - Torex Semiconductor XB1085P331JR Datasheet HTML 8Page - Torex Semiconductor XB1085P331JR Datasheet HTML 9Page - Torex Semiconductor XB1085P331JR Datasheet HTML 10Page - Torex Semiconductor XB1085P331JR Datasheet HTML 11Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7/11
XB1085
Series
■TYPICAL PERFORMANCE CHARACTERISTICS
XB1085K12B (VOUT=3.3V)
1.22
1.23
1.24
1.25
1.26
1.27
0
10
203040
50
6070
8090
Ambient Temperature: Ta (℃)
VIN=4.9V
CIN=10μF(Tantal),CL=22μF(Tantal)
(3) Dropout Voltage vs. Output Current
(4) Supply Current vs. Input Voltage
(1) Output Voltage vs. Output Current
(2) Output Voltage vs. Input Voltage
(5) Reference Voltage vs. Ambient Temperature
(6) Adjust Pin Current vs. Ambient Temperature
XB1085P331
0
1
2
3
4
5
6
02
46
8
10
Supply Voltage: VIN(V)
Ta=85℃
Ta=25℃
Ta=0℃
CIN=10uF(Tantal)、CL=22uF(Tantal)
XB1085P331
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
02
46
8
10
Supply Voltage: VIN(V)
Ta=85℃
Ta=25℃
Ta=0℃
IOUT=10mA
CIN=10μF(Tantal),CL=22μF(Tantal)
XB1085P331
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1000
2000
3000
Output Current: IOUT (mA)
Ta=85℃
Ta=25℃
Ta=0℃
VIN=4.9V
CIN=10μF(Tantal),CL=22μF(Tantal)
XB1085P331
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
500
1000
1500
2000
2500
3000
Output Current: IOUT (mA)
Ta=85℃
Ta=25℃
Ta=0℃
CIN=10uF(Tantal)、CL=22uF(Tantal)
XB1085K12B(VOUT=3.3V)
0
20
40
60
80
100
0
10203040
5060708090
Ambient Temperature: Ta (℃)
VIN=4.25V
IOUT=10mA
CIN=10μF(Tantal),CL=22μF(Tantal)
VIN=4.9V
CIN=10
μF (Tantalum), CL=22μF (Tantalum)
CIN=10
μF (Tantalum), CL=22μF (Tantalum)
VIN=4.9V
CIN=10
μF (Tantalum), CL=22μF (Tantalum)
IOUT=10mA
CIN=10
μF (Tantalum), CL=22μF (Tantalum)
CIN=10
μF (Tantalum), CL=22μF (Tantalum)
Input Voltage: VIN (V)
Input Voltage: VIN (V)
XB1085K12B (VOUT=3.3V)
IOUT=10mA
CIN=10
μF (Tantalum), CL=22μF (Tantalum)


Similar Part No. - XB1085P331JR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1085P331JR TOREX-XB1085P331JR Datasheet
178Kb / 11P
   3.0A Positive voltage Regulator
XB1085P331JR-G TOREX-XB1085P331JR-G Datasheet
178Kb / 11P
   3.0A Positive voltage Regulator
More results

Similar Description - XB1085P331JR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1085 TOREX-XB1085_12 Datasheet
178Kb / 11P
   3.0A Positive voltage Regulator
XB1085 TOREX-XB1085_15 Datasheet
178Kb / 11P
   3.0A Positive Voltage Regulator
logo
First Components Intern...
LT1085 FCI-LT1085 Datasheet
5Mb / 5P
   3.0A LOW DROPOUT POSITIVE REGULATOR Adjustable Output Voltage or Fixed
logo
List of Unclassifed Man...
B1085 ETC-B1085 Datasheet
37Kb / 3P
   3.0A Low Dropout Voltage Regulator
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com