Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC31BPN20AMR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC31BPN20AMR
Description  CMOS Temperature Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC31BPN20AMR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC31BPN20AMR Datasheet HTML 1Page - Torex Semiconductor XC31BPN20AMR Datasheet HTML 2Page - Torex Semiconductor XC31BPN20AMR Datasheet HTML 3Page - Torex Semiconductor XC31BPN20AMR Datasheet HTML 4Page - Torex Semiconductor XC31BPN20AMR Datasheet HTML 5Page - Torex Semiconductor XC31BPN20AMR Datasheet HTML 6Page - Torex Semiconductor XC31BPN20AMR Datasheet HTML 7Page - Torex Semiconductor XC31BPN20AMR Datasheet HTML 8Page - Torex Semiconductor XC31BPN20AMR Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
XC31B
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Voltage
VIN
10
V
Output Voltage
VOUT
IOUT=100
μA
(*2), VIN=4.0V, Ta=25℃
1.94
2.0
2.06
V
Detectable
Temperature Range
-30
+80
Output Voltage
Temperature Coefficient
TD
(*3)
IOUT=100
μA, VIN=4.0V
-30
℃≦Ta≦80℃
-3400
-3900
-4400
ppm/
Temperature Sensitivity
TSE
-30
℃≦Ta≦80℃
-6.8
-7.8
-8.8
mV/
Linearity Margin Error
TL
(*4)
-30
℃≦Ta≦80℃
1
3.5
%
Load Regulation
△VOUT
VIN=4.0V
1
μA≦IOUT≦100μA
2.0
mV
Supply Current 1
ISS1
VIN=VCE=4.0V, Ta=25
7
17
μA
Supply Current 2
ISS2
VIN=4.0V, VCE=VSS, Ta=25
0.1
μA
CE "High" Level Voltage
VCEH
1.5
V
CE "Low" Level Voltage
VCEL
0.3
V
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Voltage
VIN
10
V
Output Voltage
VOUT
IOUT=100
μA
(*2), VIN=6.0V,Ta=25℃
3.88
2.0
4.12
V
Detectable
Temperature Range
-30
+80
Output Voltage
Temperature Coefficient
TD
(*3)
IOUT=100
μA, VIN=6.0V
-30
℃≦Ta≦80℃
-3400
-3900
-4400
ppm/
Temperature Sensitivity
TSE
-30
℃≦Ta≦80℃
-13.6
-15.6
-17.6
mV/
Linearity Margin Error
TL
(*4)
-30
℃≦Ta≦80℃
1
3.5
%
Load Regulation
△VOUT
VIN=6.0V
1
μA≦IOUT≦100μA
3.0
mV
Supply Current 1
ISS1
VIN=VCE=6.0V, Ta=25
8
18
μA
Supply Current 2
ISS2
VIN=6.0V, VCE=VSS, Ta=25
0.1
μA
CE "High" Level Voltage
VCEH
1.5
V
CE "Low" Level Voltage
VCEL
0.3
V
■ELECTRICAL CHARACTERISTICS
XC31BPN20A VOUT(T)
(*1) =2.0V
NOTE:
*1: VOUT(T) =Specified output voltage at 25
℃.
*2: When output current exceed 100
μA, output voltage drop will increase.
If this IC is to be used in applications where such currents are required, please use a buffer on the output
*3: Output voltage temperature coefficient (TD) is defined as:
XC31BPN40A VOUT(T)
(*1) =4.0V
*4: Linearity margin error (TL) is calculated as follows:
where emax = maximum error.
The maximum error is the maximum difference between the actual measured value and the value on an approximated straight line.
T D =
V OUT
Ta
V OUT
T L =
emax
Tse
・△ Ta


Similar Part No. - XC31BPN20AMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC31BPN20AMR TOREX-XC31BPN20AMR Datasheet
154Kb / 7P
   CMOS Temperature Sensor
More results

Similar Description - XC31BPN20AMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC31B TOREX-XC31B Datasheet
154Kb / 7P
   CMOS Temperature Sensor
logo
Seiko Instruments Inc
S8110C SII-S8110C Datasheet
486Kb / 23P
   CMOS TEMPERATURE SENSOR IC
S-58LM20A SII-S-58LM20A Datasheet
509Kb / 27P
   CMOS TEMPERATURE SENSOR IC
S-8110C SII-S-8110C Datasheet
324Kb / 21P
   CMOS TEMPERATURE SENSOR IC
S-5815A SII-S-5815A Datasheet
240Kb / 16P
   CMOS TEMPERATURE SENSOR IC
S-5813A SII-S-5813A Datasheet
183Kb / 18P
   CMOS TEMPERATURE SENSOR IC
S58LM20A SII-S58LM20A Datasheet
538Kb / 28P
   CMOS TEMPERATURE SENSOR IC
S5813A SII-S5813A Datasheet
440Kb / 19P
   CMOS TEMPERATURE SENSOR IC
logo
Nippon Precision Circui...
SM6610AH NPC-SM6610AH Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
SM6610 NPC-SM6610 Datasheet
106Kb / 7P
   CMOS Monolithic Analog Output Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com