Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XB1085P331JL Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XB1085P331JL
Description  3.0A Positive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XB1085P331JL Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XB1085P331JL Datasheet HTML 2Page - Torex Semiconductor XB1085P331JL Datasheet HTML 3Page - Torex Semiconductor XB1085P331JL Datasheet HTML 4Page - Torex Semiconductor XB1085P331JL Datasheet HTML 5Page - Torex Semiconductor XB1085P331JL Datasheet HTML 6Page - Torex Semiconductor XB1085P331JL Datasheet HTML 7Page - Torex Semiconductor XB1085P331JL Datasheet HTML 8Page - Torex Semiconductor XB1085P331JL Datasheet HTML 9Page - Torex Semiconductor XB1085P331JL Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6/11
XB1085 Series
●XB1085PxxxJ
Circuit
* CIN=10
μF (Tantalum), CL=22μF (Tantalum)
Circuit
●XB1085K12BJ
Circuit
* CIN=10
μF (Tantalum), CL=22μF (Tantalum)
VOUT
VSS
V
CL
CIN
A
V
VIN
A
VOUT
VSS
VIN
V
A
100Ω
164Ω
※VOUT: 3.3V
V
CIN
CL
VOUT
VIN
ADJ
■TEST CIRCUITS
VIN
VIN
VIN
*


Similar Part No. - XB1085P331JL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1085P331JR TOREX-XB1085P331JR Datasheet
178Kb / 11P
   3.0A Positive voltage Regulator
XB1085P331JR-G TOREX-XB1085P331JR-G Datasheet
178Kb / 11P
   3.0A Positive voltage Regulator
More results

Similar Description - XB1085P331JL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1085 TOREX-XB1085_12 Datasheet
178Kb / 11P
   3.0A Positive voltage Regulator
XB1085 TOREX-XB1085_15 Datasheet
178Kb / 11P
   3.0A Positive Voltage Regulator
logo
First Components Intern...
LT1085 FCI-LT1085 Datasheet
5Mb / 5P
   3.0A LOW DROPOUT POSITIVE REGULATOR Adjustable Output Voltage or Fixed
logo
List of Unclassifed Man...
B1085 ETC-B1085 Datasheet
37Kb / 3P
   3.0A Low Dropout Voltage Regulator
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com