Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XB1085P12BJL Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XB1085P12BJL
Description  3.0A Positive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XB1085P12BJL Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XB1085P12BJL Datasheet HTML 3Page - Torex Semiconductor XB1085P12BJL Datasheet HTML 4Page - Torex Semiconductor XB1085P12BJL Datasheet HTML 5Page - Torex Semiconductor XB1085P12BJL Datasheet HTML 6Page - Torex Semiconductor XB1085P12BJL Datasheet HTML 7Page - Torex Semiconductor XB1085P12BJL Datasheet HTML 8Page - Torex Semiconductor XB1085P12BJL Datasheet HTML 9Page - Torex Semiconductor XB1085P12BJL Datasheet HTML 10Page - Torex Semiconductor XB1085P12BJL Datasheet HTML 11Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11/11
XB1085
Series
1.
The products and product specifications contained herein are subject to change without
notice to improve performance characteristics.
Consult us, or our representatives
before use, to confirm that the information in this catalog is up to date.
2.
We assume no responsibility for any infringement of patents, patent rights, or other
rights arising from the use of any information and circuitry in this catalog.
3.
Please ensure suitable shipping controls (including fail-safe designs and aging
protection) are in force for equipment employing products listed in this catalog.
4.
The products in this catalog are nodeveloped, designed, or approved for use with such
equipment whose failure of malfunction can be reasonably expected to directly
endanger the life of, or cause significant injury to, the user.
(e.g. Atomic energy; aerospace; transport; combustion and associated safety
equipment thereof.)
5.
Please use the products listed in this catalog within the specified ranges.
Should you wish to use the products under conditions exceeding the specifications,
please consult us or our representatives.
6.
We assume no responsibility for damage or loss due to abnormal use.
7.
All rights reserved. No part of this catalog may be copied or reproduced without the
prior permission of Torex Semiconductor Ltd.


Similar Part No. - XB1085P12BJL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1085P12BJR TOREX-XB1085P12BJR Datasheet
178Kb / 11P
   3.0A Positive voltage Regulator
XB1085P12BJR-G TOREX-XB1085P12BJR-G Datasheet
178Kb / 11P
   3.0A Positive voltage Regulator
More results

Similar Description - XB1085P12BJL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1085 TOREX-XB1085_12 Datasheet
178Kb / 11P
   3.0A Positive voltage Regulator
XB1085 TOREX-XB1085_15 Datasheet
178Kb / 11P
   3.0A Positive Voltage Regulator
logo
First Components Intern...
LT1085 FCI-LT1085 Datasheet
5Mb / 5P
   3.0A LOW DROPOUT POSITIVE REGULATOR Adjustable Output Voltage or Fixed
logo
List of Unclassifed Man...
B1085 ETC-B1085 Datasheet
37Kb / 3P
   3.0A Low Dropout Voltage Regulator
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com