Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC31BPN30ADL Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC31BPN30ADL
Description  CMOS Temperature Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC31BPN30ADL Datasheet(HTML) 1 Page - Torex Semiconductor

  XC31BPN30ADL Datasheet HTML 1Page - Torex Semiconductor XC31BPN30ADL Datasheet HTML 2Page - Torex Semiconductor XC31BPN30ADL Datasheet HTML 3Page - Torex Semiconductor XC31BPN30ADL Datasheet HTML 4Page - Torex Semiconductor XC31BPN30ADL Datasheet HTML 5Page - Torex Semiconductor XC31BPN30ADL Datasheet HTML 6Page - Torex Semiconductor XC31BPN30ADL Datasheet HTML 7Page - Torex Semiconductor XC31BPN30ADL Datasheet HTML 8Page - Torex Semiconductor XC31BPN30ADL Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
XC31B Series
CMOS Temperature Sensor
PIN NUMBER
SOT25
USP-6B
PIN NAME
FUNCTION
1
2, 5
NC
No Connection
2
6
VSS
Ground
3
4
CE
Chip Enable
4
3
VOUT
Output
5
1
VIN
Power Supply
■GENERAL DESCRIPTION
The XC31B series are ultra small CMOS temperature sensor ICs. As a bandgap type temperature sensor is built-into the
XC31B, linearity, in comparison to thermistor type temperature sensors, is much better.
The operating temperature range of the series is from -30
℃ to +80℃. The XC31B comes in a mini molded SOT-25 and
USP-6B packages with a supply current of only 7
μA
(@VOUT=2.0V) and as such, is suitable for use with various portable devices.
Output voltage is selectable in 100mV
increments within a range of 2.0V to 6.0V (at 25
℃).
■APPLICATIONS
●Mobile phones
●Portable AV equipment
●Palm top computers, PDAS
●Battery powered equipment
■PIN CONFIGURATION
■FEATURES
Operating Voltage Range
: 3.0V ~ 10.0V
Output Voltage Range
: 2.0V~ 6.0V
Output Voltage Accuracy
:
±3%
Detectable Temperature Range
: -30
℃ ~ +80℃
Output Voltage Temp. Coefficient: -3900ppm/
℃ (TYP.)
Low Power Consumption
: 7
μA (@VOUT=2.0V)
Packages
: SOT-25, USP-6B
■PIN ASSIGNMENT
*The dissipation pad for the USP-6B
package
should
be
solder-plated
in
recommended mount pattern and metal
masking so as to enhance mounting
strength and heat release.
If the pad needs to be connected to other
pins, it should be connected to the VSS pin.
VSS
NC
CE
VIN
NC
VOUT
ETR0901_001


Similar Part No. - XC31BPN30ADL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC31BPN30AML TOREX-XC31BPN30AML Datasheet
154Kb / 7P
   CMOS Temperature Sensor
XC31BPN30AMR TOREX-XC31BPN30AMR Datasheet
154Kb / 7P
   CMOS Temperature Sensor
More results

Similar Description - XC31BPN30ADL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC31B TOREX-XC31B Datasheet
154Kb / 7P
   CMOS Temperature Sensor
logo
Seiko Instruments Inc
S8110C SII-S8110C Datasheet
486Kb / 23P
   CMOS TEMPERATURE SENSOR IC
S-58LM20A SII-S-58LM20A Datasheet
509Kb / 27P
   CMOS TEMPERATURE SENSOR IC
S-8110C SII-S-8110C Datasheet
324Kb / 21P
   CMOS TEMPERATURE SENSOR IC
S-5815A SII-S-5815A Datasheet
240Kb / 16P
   CMOS TEMPERATURE SENSOR IC
S-5813A SII-S-5813A Datasheet
183Kb / 18P
   CMOS TEMPERATURE SENSOR IC
S58LM20A SII-S58LM20A Datasheet
538Kb / 28P
   CMOS TEMPERATURE SENSOR IC
S5813A SII-S5813A Datasheet
440Kb / 19P
   CMOS TEMPERATURE SENSOR IC
logo
Nippon Precision Circui...
SM6610AH NPC-SM6610AH Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
SM6610 NPC-SM6610 Datasheet
106Kb / 7P
   CMOS Monolithic Analog Output Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com