Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC61FN1642LR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC61FN1642LR
Description  Voltage Detectors, Delay Circuit Built-In
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61FN1642LR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC61FN1642LR Datasheet HTML 1Page - Torex Semiconductor XC61FN1642LR Datasheet HTML 2Page - Torex Semiconductor XC61FN1642LR Datasheet HTML 3Page - Torex Semiconductor XC61FN1642LR Datasheet HTML 4Page - Torex Semiconductor XC61FN1642LR Datasheet HTML 5Page - Torex Semiconductor XC61FN1642LR Datasheet HTML 6Page - Torex Semiconductor XC61FN1642LR Datasheet HTML 7Page - Torex Semiconductor XC61FN1642LR Datasheet HTML 8Page - Torex Semiconductor XC61FN1642LR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
XC61F
Series
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
12.0
V
Output Current
IOUT
50
mA
CMOS
VSS -0.3 ~ VIN + 0.3
Output Voltage
N-ch open drain
VOUT
VSS -0.3 ~ 9
V
SOT-23
150
SOT-89
500
Power Dissipation
TO-92
Pd
300
mW
Operating Temperature Range
Topr
-30~+85
Storage Temperature Range
Tstg
-40~+125
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Detect Voltage
VDF
VDF(T)
x 0.98
VDF(T)
VDF(T)
x 1.02
V
Hysteresis Range
VHYS
VDF
x 0.02
VDF
x 0.05
VDF
x 0.08
V
VIN = 1.5V
-
0.9
2.6
VIN = 2.0V
-
1.0
3.0
VIN = 3.0V
-
1.3
3.4
VIN = 4.0V
-
1.6
3.8
Supply Current
ISS
VIN = 5.0V
-
2.0
4.2
μ
A
Operating Voltage
VIN
VDF= 1.6V to 6.0V
0.7
-
10.0
V
VIN = 1.0V
-
2.2
-
VIN = 2.0V
-
7.7
-
N-ch VDF =0.5V
VIN = 3.0V
-
10.1
-
VIN = 4.0V
-
11.5
-
VIN = 5.0V
-
13.0
-
Output Current
IOUT
CMOS, P-ch VDF=2.1V
VIN = 8.0V
-
-10.0
-
mA
Detect Voltage
Temperature
Characteristics
Δ
VDF
Δ
Topr・
VDF
-
±
100
-
ppm/℃
Transient Delay Time
(VDR → VOUT inversion)
TDLY
VIN changes from 0.6V to 10V
50
-
200
ms
BLOCK DIAGRAMS
(1) CMOS output
(2) N-channel open drain output
ABSOLUTE MAXIMUM RATINGS
Ta = 25℃
ELECTRICAL CHARACTERISTICS
Ta=25℃
VDF (T): Setting detect voltage value
Release Voltage: VDR = VDF + VHYS
* Transient Delay Time: 1ms to 50ms & 80ms to 400ms versions are also available.
Note: The power consumption during power-start to output being stable (release operation) is 2μA greater than it is after that period
(completion of release operation) because of delay circuit through current.


Similar Part No. - XC61FN1642LR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61FN1642LR TOREX-XC61FN1642LR Datasheet
674Kb / 14P
   Voltage Detectors, Delay Circuit Built-In
More results

Similar Description - XC61FN1642LR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61F TOREX-XC61F_2 Datasheet
674Kb / 14P
   Voltage Detectors, Delay Circuit Built-In
XC61F TOREX-XC61F Datasheet
196Kb / 12P
   Voltage Detectors ( Delay Circuit Built-In)
logo
E-CMOS Corporation
EC95810 E-CMOS-EC95810 Datasheet
931Kb / 15P
   Voltage Detectors with Built-in Delay Circuit
logo
Unisonic Technologies
81CXXX UTC-81CXXX_11 Datasheet
477Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81NXX UTC-81NXX_15 Datasheet
492Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81CXXX UTC-81CXXX_12 Datasheet
525Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81NXX UTC-81NXX Datasheet
492Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81CXXX UTC-81CXXX Datasheet
204Kb / 15P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
logo
AiT Semiconductor Inc.
A4809C AITSEMI-A4809C Datasheet
503Kb / 8P
   SUPERVISOR (RESET IC) VOLTAGE DETECTORS WITH DELAY CIRCUIT BUILT-IN
REV1.2
logo
Seiko Instruments Inc
S-19101C25H-N4T2U SII-S-19101C25H-N4T2U Datasheet
1Mb / 31P
   BUILT-IN DELAY CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com