Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC612E1515MR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC612E1515MR
Description  2-Channel Voltage Detectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC612E1515MR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC612E1515MR Datasheet HTML 1Page - Torex Semiconductor XC612E1515MR Datasheet HTML 2Page - Torex Semiconductor XC612E1515MR Datasheet HTML 3Page - Torex Semiconductor XC612E1515MR Datasheet HTML 4Page - Torex Semiconductor XC612E1515MR Datasheet HTML 5Page - Torex Semiconductor XC612E1515MR Datasheet HTML 6Page - Torex Semiconductor XC612E1515MR Datasheet HTML 7Page - Torex Semiconductor XC612E1515MR Datasheet HTML 8Page - Torex Semiconductor XC612E1515MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
XC612 Series
2-Channel Voltage Detectors
GENERAL DESCRIPTION
The XC612 series consist of 2 voltage detectors, in 1 mini-molded, SOT-25 package.
The series provides accuracy and low power consumption through CMOS processing and laser trimming and consists of a
highly accurate voltage reference source, 2 comparators, hysteresis and output driver circuits.
The input (VIN1) for voltage detector 1 (VD1) dually functions as the power supply pin for both detector 1 (VD1) and detector 2
(VD2).
APPLICATIONS
Microprocessor reset circuitry
Memory battery back-up circuits
Power-on reset circuits
Power failure detection
System battery life and charge voltage monitors
Delay circuitry
TYPICAL PERFORMANCE
CHARACTERISTICS
FEATURES
Highly Accurate
: Setting voltage accuracy ±2%
Low Power Consumption : 2.0μA(TYP.)
(VIN1=VIN2=2.0V, Static state)
Detect Voltage
: 1.5V ~ 5.0V programmable in
100mV steps. Detector’s voltages can
be set-up independently
Conditionaly;
XC612N : VDET1>VDET2
XC612D, XC612E : VDET1>VDET2,
VDET1<VDET2
Operating Voltage Range
: 1.5V ~ 10.0V
Temperature Characteristics : ±100ppm/℃ (TYP.)
Output Configuration
: N-channel open drain
CMOS Low Power Consumption
2 Voltage Detectors Built-in
Small Package
: SOT-25 (150mW) mini-mold
* CMOS Output is under development
TYPICAL APPLICATION CRICUIT
ETR0204_001


Similar Part No. - XC612E1515MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612E TOREX-XC612E Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC612E2533ML TOREX-XC612E2533ML Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC612E2533MR TOREX-XC612E2533MR Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC612E2550ML TOREX-XC612E2550ML Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC612E2550MR TOREX-XC612E2550MR Datasheet
214Kb / 13P
   CMOS Low Power Consumption
More results

Similar Description - XC612E1515MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
82CXX_1112 UTC-82CXX_1112 Datasheet
396Kb / 20P
   VOLTAGE DETECTORS
82NXX UTC-82NXX_09 Datasheet
280Kb / 13P
   VOLTAGE DETECTORS
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
168Kb / 9P
   Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com