Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2311V3B0SR Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC2311V3B0SR
Description  VCXO ICs with Built-in Variable Capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2311V3B0SR Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC2311V3B0SR Datasheet HTML 4Page - Torex Semiconductor XC2311V3B0SR Datasheet HTML 5Page - Torex Semiconductor XC2311V3B0SR Datasheet HTML 6Page - Torex Semiconductor XC2311V3B0SR Datasheet HTML 7Page - Torex Semiconductor XC2311V3B0SR Datasheet HTML 8Page - Torex Semiconductor XC2311V3B0SR Datasheet HTML 9Page - Torex Semiconductor XC2311V3B0SR Datasheet HTML 10Page - Torex Semiconductor XC2311V3B0SR Datasheet HTML 11Page - Torex Semiconductor XC2311V3B0SR Datasheet HTML 12Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11/12
XC2311
Series
MARK
FREQUENCY RANGE
PRODUCT SERIES
L
16MHz ~ 36MHz
XC2311x2xxxx
M
30MHz ~ 50MHz
XC2311x3xxxx
MARK
OPERATING VOLTAGE RANGE
PRODUCT SERIES
B
2.6V ~ 3.6V
XC2311xxBxxx
MARK
DIVIDER CIRCUIT
PRODUCT SERIES
0
No Divider
XC2311xxx0xx
MARK
PRODUCT SERIES
2
1
XC2311xxxxxx
MARK
FREQUENCY RANGE
PRODUCT SERIES
2
16MHz~36MHz
XC2311x2xxxx
3
30MHz~50MHz
XC2311x3xxxx
MARK
OPERATING VOLTAGE RANGE
PRODUCT SERIES
B
2.6V~3.6V
XC2311xxBxxx
MARK
DIVIDER CIRCUIT
PRODUCT SERIES
0
No Divider
XC2311xxx0xx
② Represents operating voltage range
③ Represents divider circuit
●USP-6C
①② Represents product series
④ Represents production lot number
0 to 9, A to Z, reverse character 0 to 9, A to Z repeated (G, I, J, O, Q, W excepted.)
③ Represents oscillation frequency range
④ Represents operating voltage range
⑥ Represents production lot number
0 to 9, A to Z repeated (G, I, J, O, Q, W excepted.)
Note: No character inversion used.
⑤ Represents divider circuit
●SOT-26
① Represents oscillation frequency range
③ ④
12
3
6
5
4
1
2
3
6
5
4
USP-6C
(TOP VIEW)
SOT-26
(TOP VIEW)
■MARKING RULE (Continued)


Similar Part No. - XC2311V3B0SR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2311V3B0 TOREX-XC2311V3B0 Datasheet
274Kb / 11P
   Communication equipment
More results

Similar Description - XC2311V3B0SR

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5073 NPC-SM5073 Datasheet
108Kb / 14P
   VCXO ICs with Built-in Varicap
CF5073 NPC-CF5073 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
logo
Rohm
BU2365FV ROHM-BU2365FV Datasheet
311Kb / 6P
   Clock Generator With Built-in VCXO
logo
Nippon Precision Circui...
5075 NPC-5075 Datasheet
308Kb / 14P
   VCXO Module IC with Built-in Varicap
5076 NPC-5076 Datasheet
284Kb / 13P
   VCXO Module IC with Built-in Varicap
CF5074A NPC-CF5074A Datasheet
84Kb / 9P
   VCXO Module IC with Built-in Varicap
logo
Torex Semiconductor
XC2173 TOREX-XC2173 Datasheet
160Kb / 8P
   ICs for use with Crystal Oscillators (PLL built-in)
logo
Rohm
BD8132FV ROHM-BD8132FV_09 Datasheet
601Kb / 21P
   High-precision Gamma Correction ICs with built-in DAC
logo
Torex Semiconductor
XC2173-12 TOREX-XC2173-12 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173 TOREX-XC2173_1 Datasheet
222Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com