Electronic Components Datasheet Search |
|
XC62HR2002MR Datasheet(PDF) 2 Page - Torex Semiconductor |
|
XC62HR2002MR Datasheet(HTML) 2 Page - Torex Semiconductor |
2 / 19 page 2/19 XC62H Series SERIES CE VOLTAGE OUTPUT H ON XC62HR L OFF H OFF XC62HP L ON DESIGNATOR DESCRIPTION SYMBOL DESCRIPTION R : Positive ① CE Pin Logic P : Negative (Custom) ② ③ Output Voltage 20~60 :e.g. VOUT 3.0V → ②=3, ③=0 VOUT 5.0V → ②=5, ③=0 ④ Temperature Characteristics 0 : + 100ppm (TYP.) 1 : + 1% (semi-custom) ⑤ Output Voltage Accuracy 2 : + 2% M : SOT-23 P : SOT-89-5 ⑥ Package Type D : USP-6B R : Embossed tape, standard feed ⑦ Device Orientation L : Embossed tape, reverse feed PIN NUMBER SOT-25 SOT-89-5 USP-6B PIN NAME FUNCTION 1 4 2, 5 (NC) No Connection 2 2 1 VIN Supply Voltage Input 3 3 6 CE Chip Enable 4 1 4 VSS Ground 5 5 3 VOUT Regulated Output Voltage ■ PIN CONFIGURATION *The dissipation pad for the USP-6B package should be solder-plated in recommended mount pattern and metal masking so as to enhance mounting strength and heat release. If the pad needs to be connected to other pins, it should be connected to the VIN pin. ■ PIN ASSIGNMENT ■ PRODUCT CLASSIFICATION ● Ordering Information XC62H①②③④⑤⑥⑦ ■ FUNCTION H = High level L = Low level |
Similar Part No. - XC62HR2002MR |
|
Similar Description - XC62HR2002MR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |