Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6120C102NR Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6120C102NR
Description  Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6120C102NR Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6120C102NR Datasheet HTML 3Page - Torex Semiconductor XC6120C102NR Datasheet HTML 4Page - Torex Semiconductor XC6120C102NR Datasheet HTML 5Page - Torex Semiconductor XC6120C102NR Datasheet HTML 6Page - Torex Semiconductor XC6120C102NR Datasheet HTML 7Page - Torex Semiconductor XC6120C102NR Datasheet HTML 8Page - Torex Semiconductor XC6120C102NR Datasheet HTML 9Page - Torex Semiconductor XC6120C102NR Datasheet HTML 10Page - Torex Semiconductor XC6120C102NR Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7/13
XC6120
Series
[Figure 1: Circuit connected with the input resistor]
● Oscillation Description
[Figure 2: Oscillation caused by the input resistor of the CMOS output product and the output current]
■NOTE ON USE
1.
Please use this IC within the stated maximum ratings. Operation beyond these limits may cause degrading or permanent
damage to the device.
2.
In order to stabilize the IC's operations, please ensure that VIN pin's input frequency's rise and fall times are more than
several μs / V.
3.
With a resistor connected between the VIN pin and the power supply VDD some errors may be observed from the input
voltage at the detect and release voltage. Those errors are not constant because of the fluctuation of the supply current.
4.
When a resistor is connected between the VIN pin and the power supply VDD, oscillation may occur as a result of through
current and voltage drop at the RIN at the time of voltage release. (refer to the Oscillation Description (1) below ) Especially
in the CMOS output configurations, oscillation may occur regardless of detect/release operation if load current (IOUT)
exists. (refer to the Oscillation Description (2) below)
5.
Please use N-ch open drains configuration, when a resistor RIN is connected between the VIN pin and the power supply
VDD power source. In such cases, please ensure that RIN is less than 10kΩ and that C is more than 0.1μF.
(1) Oscillation as a result of through current
Since the XC6120 series are CMOS ICs, transient through current will flow when the IC's internal circuit switching operates
regardless of output configuration. Consequently, oscillation is liable to occur as a result of the similar operations as in (1)
above. This oscillation does not occur during the detect operation.
(2) Output current oscillation with the CMOS output configuration
As shown in figure 2, when the voltage applied at the power supply (VDD) rises from below detect voltage to above release
voltage, the IC commence release operations and the internal P-ch driver transistor will be on. The output current (IOUT) flows
the input resistor (RIN) via the P-ch driver transistor. Because of the input resistor (RIN) and the output current (IOUT), an input pin
voltage drops RIN x IOUT. If the voltage drop level is larger than the IC’s hysteresis width (VHYS), the input pin voltage will falls
below the VDF and detect operations will commerce so that the internal P-ch driver transistor will be off. The voltage drop will
stop because the output current (IOUT) which was flowing the P-ch driver transistor will run down. The input pin voltage will
become the same voltage level as the input voltage (VIN). For this, the input pin voltage will rise above the release voltage (VDR),
therefore, the release operations will begin over again. Oscillation may occur with this repetition. Further, this condition will
also appear via means of a similar mechanism during detect operations.
XC6120N
XC6120C


Similar Part No. - XC6120C102NR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6120C102NR TOREX-XC6120C102NR Datasheet
264Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC6120C102NR TOREX-XC6120C102NR Datasheet
313Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC6120C102NR-G TOREX-XC6120C102NR-G Datasheet
264Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC6120C102NR-G TOREX-XC6120C102NR-G Datasheet
313Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
More results

Similar Description - XC6120C102NR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6120 TOREX-XC6120_1 Datasheet
264Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC61J TOREX-XC61J Datasheet
304Kb / 15P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC6120 TOREX-XC6120_2 Datasheet
313Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
logo
Zilog, Inc.
IXD5120 ZILOG-IXD5120 Datasheet
1Mb / 12P
   Ultra Small, Low Power Consumption Voltage Detector
logo
Rohm
BD48XXG-E ROHM-BD48XXG-E Datasheet
433Kb / 18P
   Highly accurate, low-current Voltage Detector IC series.
BD52XXG-E ROHM-BD52XXG-E Datasheet
400Kb / 16P
   Highly accurate, low current consumption Voltage Detector ICs with a capacitor-controlled time delay.
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301A ACE-ACE301A Datasheet
412Kb / 7P
   Ultra-Small High-Precision Low Voltage Detector
VER 1.1
logo
Rohm
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
logo
Asahi Kasei Microsystem...
AP4400A AKM-AP4400A Datasheet
490Kb / 12P
   Ultra Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com