Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6120C102NR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6120C102NR
Description  Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6120C102NR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6120C102NR Datasheet HTML 1Page - Torex Semiconductor XC6120C102NR Datasheet HTML 2Page - Torex Semiconductor XC6120C102NR Datasheet HTML 3Page - Torex Semiconductor XC6120C102NR Datasheet HTML 4Page - Torex Semiconductor XC6120C102NR Datasheet HTML 5Page - Torex Semiconductor XC6120C102NR Datasheet HTML 6Page - Torex Semiconductor XC6120C102NR Datasheet HTML 7Page - Torex Semiconductor XC6120C102NR Datasheet HTML 8Page - Torex Semiconductor XC6120C102NR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3/13
XC6120
Series
Input Voltage Range
Pull-up Resistance
0.7V~6.0V
≧ 220kΩ
0.8V~6.0V
≧ 100kΩ
1.0V~6.0V
≧ 33kΩ
PARAMETER
SYMBOL
RATING
UNITS
Input Voltage
VIN
VSS-0.3~7.0
V
Output Current
IOUT
10
mA
CMOS Output
VSS-0.3~VIN+0.3
Output Voltage
N-ch Open Drain Output
VOUT
VSS-0.3~7.0
V
USP-3
120
Power Dissipation
SSOT-24
Pd
150
mW
Operating Temperature Range
Ta
-40~+85
Storage Temperature Range
Tstg
-55~+125
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Operating Voltage
VIN
VDF(T)=1.0∼5.0V
(*1)
0.7
-
6.0
V
-
Detect Voltage
VDF
VDF(T)=1.0V∼5.0V
E-1
V
Hysteresis Width
VHYS
VDF(T)=1.0V∼5.0V
VDF
×0.03
VDF
×0.05
VDF
×0.07
V
Supply Current 1
ISS1
VIN=VDF(T)×1.1
E-2
μA
Supply Current 2
ISS2
VIN= VDF(T)×0.9V
E-3
μA
VOUT=0.5V
0.09
0.57
-
VOUT=0.3V
0.08
0.56
-
IOUTN
VIN=0.7V
VOUT=0.1V
0.05
0.30
-
mA
IOUTP
(*2)
VIN=6.0V, VOUT=5.5V
-
-0.95
-0.60
mA
XC6120C
-
0.001
-
Output Current
ILEAK
VIN=6.0V,
VOUT=6.0V
XC6120N
-
0.001
0.100
μA
Temperature
Characteristics
ΔVDF
ΔTa・VDF
-40
oC≦Ta≦85 oC
-
±100
-
ppm/
oC
Detect Delay Time
(*3)
TDF
VIN=6.0V→0.7V
VIN=VDF to VOUT=0.5V
-
30
100
μs
Release Delay Time
(*5)
TDR
VIN=0.7V→6.0V
VIN=VDR to VOUT=VDR
(*4)
-
20
100
μs
■ABSOLUTE MAXIMUM RATINGS
■ELECTRICAL CHARACTERISTICS
Ta=25℃
XC6120 Series
*1: VDF (T): Setting detect voltage
*2: For XC6120C Series only
*3: A time taking from the time at VIN = VDF to the time at VOUT=0.5V when VIN falls from 6.0V to 0.7V.
*4: VDR: Release voltage (VDR = VDF + VHYS)
*5: A time taking from the time at VIN = VDR to the time at VOUT = VDR when VIN rise from 0.7V to 6.0V.
Ta=25℃
●XC6120N Series recommended pull-up resistance


Similar Part No. - XC6120C102NR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6120C102NR TOREX-XC6120C102NR Datasheet
264Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC6120C102NR TOREX-XC6120C102NR Datasheet
313Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC6120C102NR-G TOREX-XC6120C102NR-G Datasheet
264Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC6120C102NR-G TOREX-XC6120C102NR-G Datasheet
313Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
More results

Similar Description - XC6120C102NR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6120 TOREX-XC6120_1 Datasheet
264Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC61J TOREX-XC61J Datasheet
304Kb / 15P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
XC6120 TOREX-XC6120_2 Datasheet
313Kb / 13P
   Highly Accurate, Ultra Small, Low Power Consumption Voltage Detector
logo
Zilog, Inc.
IXD5120 ZILOG-IXD5120 Datasheet
1Mb / 12P
   Ultra Small, Low Power Consumption Voltage Detector
logo
Rohm
BD48XXG-E ROHM-BD48XXG-E Datasheet
433Kb / 18P
   Highly accurate, low-current Voltage Detector IC series.
BD52XXG-E ROHM-BD52XXG-E Datasheet
400Kb / 16P
   Highly accurate, low current consumption Voltage Detector ICs with a capacitor-controlled time delay.
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301A ACE-ACE301A Datasheet
412Kb / 7P
   Ultra-Small High-Precision Low Voltage Detector
VER 1.1
logo
Rohm
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
logo
Asahi Kasei Microsystem...
AP4400A AKM-AP4400A Datasheet
490Kb / 12P
   Ultra Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com