Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC61FN1642ML Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC61FN1642ML
Description  Voltage Detectors, Delay Circuit Built-In
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61FN1642ML Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC61FN1642ML Datasheet HTML 4Page - Torex Semiconductor XC61FN1642ML Datasheet HTML 5Page - Torex Semiconductor XC61FN1642ML Datasheet HTML 6Page - Torex Semiconductor XC61FN1642ML Datasheet HTML 7Page - Torex Semiconductor XC61FN1642ML Datasheet HTML 8Page - Torex Semiconductor XC61FN1642ML Datasheet HTML 9Page - Torex Semiconductor XC61FN1642ML Datasheet HTML 10Page - Torex Semiconductor XC61FN1642ML Datasheet HTML 11Page - Torex Semiconductor XC61FN1642ML Datasheet HTML 12Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11/12
XC61F
Series
MARK
CONFIGURATION
VOLTAGE (V)
A
CMOS
0.x
B
CMOS
1.x
C
CMOS
2.x
D
CMOS
3.x
E
CMOS
4.x
F
CMOS
5.x
H
CMOS
6.x
N-channel open drain (XC61FN series)
MARK
CONFIGURATION
VOLTAGE (V)
K
N-ch
0.x
L
N-ch
1.x
M
N-ch
2.x
N
N-ch
3.x
P
N-ch
4.x
R
N-ch
5.x
S
N-ch
6.x
MARK
VOLTAGE (V)
MARK
VOLTAGE (V)
0
x.0
5
x.5
1
x.1
6
x.6
2
x.2
7
x.7
3
x.3
8
x.8
4
x.4
9
x.9
VOLTAGE (V)
DELAY TIME
5
50 ~ 200ms
6
80 ~ 400ms
7
1 ~ 50ms
MARK
OUTPUT CONFIGURATION
C
CMOS
N
N-ch
MARK
VOLTAGE (V)
3
3
3.3
5
0
5.0
MARK
DELAY TIME
1
50ms ~ 200ms
4
80ms ~ 400ms
5
1ms ~ 50ms
MARK
DETECT VOLTAGE ACCURACY
2
Within +2%
MARK
PRODUCTION YEAR
3
2003
4
2004
MARKING RULE
SOT-23, SOT-89
Represents integer of detect voltage and output configuration
CMOS output (XC61FC series)
Represents decimal number of detect voltage
Represents delay time
Represents assembly lot number (Based on internal standards)
TO-92
Represents output configuration
, ③Represents detect voltage
Represents delay time
Represents detect voltage accuracy
Represents a least significant digit of the production year (ex.)
Represents production lot number
0 to 9, A to Z repeated (G, I, J, O, Q, W expected)
① ② ③ ④
12
3
12
3


Similar Part No. - XC61FN1642ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61FN1642ML TOREX-XC61FN1642ML Datasheet
674Kb / 14P
   Voltage Detectors, Delay Circuit Built-In
More results

Similar Description - XC61FN1642ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61F TOREX-XC61F_2 Datasheet
674Kb / 14P
   Voltage Detectors, Delay Circuit Built-In
XC61F TOREX-XC61F Datasheet
196Kb / 12P
   Voltage Detectors ( Delay Circuit Built-In)
logo
E-CMOS Corporation
EC95810 E-CMOS-EC95810 Datasheet
931Kb / 15P
   Voltage Detectors with Built-in Delay Circuit
logo
Unisonic Technologies
81CXXX UTC-81CXXX_11 Datasheet
477Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81NXX UTC-81NXX_15 Datasheet
492Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81CXXX UTC-81CXXX_12 Datasheet
525Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81NXX UTC-81NXX Datasheet
492Kb / 16P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
81CXXX UTC-81CXXX Datasheet
204Kb / 15P
   VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
logo
AiT Semiconductor Inc.
A4809C AITSEMI-A4809C Datasheet
503Kb / 8P
   SUPERVISOR (RESET IC) VOLTAGE DETECTORS WITH DELAY CIRCUIT BUILT-IN
REV1.2
logo
Seiko Instruments Inc
S-19101C25H-N4T2U SII-S-19101C25H-N4T2U Datasheet
1Mb / 31P
   BUILT-IN DELAY CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com