Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6207 Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6207
Description  High Speed "Green Operation" LDO Voltage Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6207 Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6207 Datasheet HTML 4Page - Torex Semiconductor XC6207 Datasheet HTML 5Page - Torex Semiconductor XC6207 Datasheet HTML 6Page - Torex Semiconductor XC6207 Datasheet HTML 7Page - Torex Semiconductor XC6207 Datasheet HTML 8Page - Torex Semiconductor XC6207 Datasheet HTML 9Page - Torex Semiconductor XC6207 Datasheet HTML 10Page - Torex Semiconductor XC6207 Datasheet HTML 11Page - Torex Semiconductor XC6207 Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8/32
XC6207Series
E-0
E-1
E-2
E-3
SETTING
OUTPUT
VOLTAGE (V)
OUTPUT VOLTAGE
(HS MODE)
(V)
OUTPUT VOLTAGE
(PS MODE)
(V)
DROPOUT
VOLTAGE 1
IOUT=30mA (mV)
DROPOUT
VOLTAGE 2
IOUT=100mA (mV)
VOUT(E)
VOUT(E)
Vdif1
Vdif2
VOUT(T)
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
3.45
3.381
3.45
3.519
3.3465
3.45
3.519
3.50
3.430
3.50
3.570
3.3950
3.50
3.570
3.55
3.479
3.55
3.621
3.4435
3.55
3.621
3.60
3.528
3.60
3.672
3.4920
3.60
3.672
3.65
3.577
3.65
3.723
3.5405
3.65
3.723
3.70
3.626
3.70
3.774
3.5890
3.70
3.774
3.75
3.675
3.75
3.825
3.6375
3.75
3.825
3.80
3.724
3.80
3.876
3.6860
3.80
3.876
3.85
3.773
3.85
3.927
3.7345
3.85
3.927
3.90
3.822
3.90
3.978
3.7830
3.90
3.978
3.95
3.871
3.95
4.029
3.8315
3.95
4.029
4.00
3.920
4.00
4.080
3.8800
4.00
4.080
4.05
3.969
4.05
4.131
3.9285
4.05
4.131
4.10
4.018
4.10
4.182
3.9770
4.10
4.182
4.15
4.067
4.15
4.233
4.0255
4.15
4.233
4.20
4.116
4.20
4.284
4.0740
4.20
4.284
4.25
4.165
4.25
4.335
4.1225
4.25
4.335
4.30
4.214
4.30
4.386
4.1710
4.30
4.386
4.35
4.263
4.35
4.437
4.2195
4.35
4.437
4.40
4.312
4.40
4.488
4.2680
4.40
4.488
4.45
4.361
4.45
4.539
4.3165
4.45
4.539
4.50
4.410
4.50
4.590
4.3650
4.50
4.590
4.55
4.459
4.55
4.641
4.4135
4.55
4.641
4.60
4.508
4.60
4.692
4.4620
4.60
4.692
4.65
4.557
4.65
4.743
4.5105
4.65
4.743
4.70
4.606
4.70
4.794
4.5590
4.70
4.794
4.75
4.655
4.75
4.845
4.6075
4.75
4.845
4.80
4.704
4.80
4.896
4.6560
4.80
4.896
4.85
4.753
4.85
4.947
4.7045
4.85
4.947
4.90
4.802
4.90
4.998
4.7530
4.90
4.998
4.95
4.851
4.95
5.049
4.8015
4.95
5.049
5.00
4.900
5.00
5.100
4.8500
5.00
5.100
40
65
120
190
●DROPOUT VOLTAGE CHART (Continued)
■ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XC6207

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6207 TOREX-XC6207 Datasheet
712Kb / 30P
   CMOS Low Power Consumption
XC6207A122EL TOREX-XC6207A122EL Datasheet
712Kb / 30P
   CMOS Low Power Consumption
XC6207A122ER TOREX-XC6207A122ER Datasheet
712Kb / 30P
   CMOS Low Power Consumption
XC6207A122ML TOREX-XC6207A122ML Datasheet
712Kb / 30P
   CMOS Low Power Consumption
XC6207A122MR TOREX-XC6207A122MR Datasheet
712Kb / 30P
   CMOS Low Power Consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com