Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6203P18APR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6203P18APR
Description  Large Current Positive Voltage Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6203P18APR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6203P18APR Datasheet HTML 1Page - Torex Semiconductor XC6203P18APR Datasheet HTML 2Page - Torex Semiconductor XC6203P18APR Datasheet HTML 3Page - Torex Semiconductor XC6203P18APR Datasheet HTML 4Page - Torex Semiconductor XC6203P18APR Datasheet HTML 5Page - Torex Semiconductor XC6203P18APR Datasheet HTML 6Page - Torex Semiconductor XC6203P18APR Datasheet HTML 7Page - Torex Semiconductor XC6203P18APR Datasheet HTML 8Page - Torex Semiconductor XC6203P18APR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3/20
XC6203
Series
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
12
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
VSS-0.3∼VIN+0.3
V
SOT-23
150
SOT-89
500
SOT-223
1,200
(*)
Power
Dissipation
TO-92
Pd
300
mW
Operating Temperature Range
Topr
-40∼+85
Storage Temperature Range
Tstg
-55∼+125
■BLOCK DIAGRAMS
■ABSOLUTE MAXIMUM RATINGS
Ta = 25℃
*: Circuits board mounting: Double-sided board


Similar Part No. - XC6203P18APR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6203P18APR TOREX-XC6203P18APR Datasheet
506Kb / 18P
   POSITIVE VOLTAGE REGULATORS
More results

Similar Description - XC6203P18APR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1106 UTC-LR1106_17 Datasheet
869Kb / 17P
   LARGE CURRENT POSITIVE VOLTAGE REGULATORS
LR1106 UTC-LR1106 Datasheet
575Kb / 16P
   LARGE CURRENT POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
LR1106 ETL-LR1106 Datasheet
859Kb / 17P
   LARGE CURRENT POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LR1106 UTC-LR1106_12 Datasheet
866Kb / 17P
   LARGE CURRENT POSITIVE
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Cystech Electonics Corp...
PL78M05XA3 CYSTEKEC-PL78M05XA3 Datasheet
154Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
PL78M05XT3 CYSTEKEC-PL78M05XT3 Datasheet
155Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Cystech Electonics Corp...
LM78M05J3 CYSTEKEC-LM78M05J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78MXXJ3 CYSTEKEC-LM78MXXJ3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com