Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH5130 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH5130
Description  Photodetektor mit Spannungsausgang Light to Voltage Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5130 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH5130 Datasheet HTML 1Page - OSRAM GmbH SFH5130 Datasheet HTML 2Page - OSRAM GmbH SFH5130 Datasheet HTML 3Page - OSRAM GmbH SFH5130 Datasheet HTML 4Page - OSRAM GmbH SFH5130 Datasheet HTML 5Page - OSRAM GmbH SFH5130 Datasheet HTML 6Page - OSRAM GmbH SFH5130 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SFH 5130
2004-12-20
5
Spectral Sensitivity
S
rel = f (λ)
Output Voltage
, V
O = f (TA),
E
e = 1.69 µW/cm
2,
λ=428nm
Linearity
V
O = f (Ee)
OHF01328
0
400
λ
600
800
1000
1200
nm
rel
S
20
40
60
80
100
%
OHF01348
0.8
-25
0.85
0.9
0.95
1.0
1.1
O
V
VO (25 ˚C)
TA
0
25
50
75
˚C
OHF01379
0
0
O
V
1
2
3
4
5
V
1
2
4
µW/cm 2
Ee
Current Consumption
I
DD = f (VDD)
Current Consumption
I
DD = f (TA)
Directional Characteristics
V
O = f (φ)
OHF01346
1.3
4
VDD
4.5
5
5.5
6
V
DD
I
1.4
1.5
1.6
1.7
1.8
mA
OHF01347
1.3
-25
TA
0
25
50
75
˚C
DD
I
1.4
1.5
1.6
1.7
1.8
mA
OHF01349
0
-75
ϕ
O
V
Omax
V
/
-50
-25
0
25
50
75
20
40
60
80
100
%
[˚]
Dark Voltage
V
D = f (VDD)
Dark Voltage
V
D = f (TA)
OHF01336
0.4
4
D
V
VDD
4.5
5
5.5
6
V
0.8
1.2
1.6
2
mV
OHF01345
0.4
-25
D
V
TA
0
25
50
75
˚C
0.8
1.2
1.6
2
mV


Similar Part No. - SFH5130

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH5110 INFINEON-SFH5110 Datasheet
48Kb / 7P
   IR-Receiver for Remote Control Systems
2000-01-01
logo
OSRAM GmbH
SFH5110 OSRAM-SFH5110 Datasheet
144Kb / 9P
   IR-Empfanger fur Fernbedienungen IR-Receiver for Remote Control Systems Lead (Pb) Free Product - RoHS Compliant
logo
Infineon Technologies A...
SFH5110-30 INFINEON-SFH5110-30 Datasheet
48Kb / 7P
   IR-Receiver for Remote Control Systems
2000-01-01
logo
List of Unclassifed Man...
SFH5110-30 ETC-SFH5110-30 Datasheet
64Kb / 7P
   IR-Receiver for Remote Control Systems
logo
OSRAM GmbH
SFH5110-30 OSRAM-SFH5110-30 Datasheet
144Kb / 9P
   IR-Empfanger fur Fernbedienungen IR-Receiver for Remote Control Systems Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - SFH5130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL257 ETC-TSL257 Datasheet
79Kb / 6P
   HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER
logo
ams AG
TSL2563 AMSCO-TSL2563 Datasheet
1Mb / 43P
   LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
TSL257 AMSCO-TSL257 Datasheet
585Kb / 9P
   HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL2562 TAOS-TSL2562 Datasheet
431Kb / 38P
   LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
TSL257T TAOS-TSL257T Datasheet
176Kb / 10P
   HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL257 AMSCO-TSL257_V01 Datasheet
194Kb / 19P
   High-Sensitivity Light-to-Voltage Converter
2016-Jul-25
logo
TEXAS ADVANCED OPTOELEC...
TSL257 TAOS-TSL257 Datasheet
145Kb / 8P
   HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL257S AMSCO-TSL257S Datasheet
585Kb / 9P
   HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL257T AMSCO-TSL257T Datasheet
615Kb / 11P
   HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL267 TAOS-TSL267 Datasheet
143Kb / 8P
   HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com