Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6207B12APR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6207B12APR
Description  High Speed "Green Operation" LDO Voltage Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6207B12APR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6207B12APR Datasheet HTML 1Page - Torex Semiconductor XC6207B12APR Datasheet HTML 2Page - Torex Semiconductor XC6207B12APR Datasheet HTML 3Page - Torex Semiconductor XC6207B12APR Datasheet HTML 4Page - Torex Semiconductor XC6207B12APR Datasheet HTML 5Page - Torex Semiconductor XC6207B12APR Datasheet HTML 6Page - Torex Semiconductor XC6207B12APR Datasheet HTML 7Page - Torex Semiconductor XC6207B12APR Datasheet HTML 8Page - Torex Semiconductor XC6207B12APR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
3/32
XC6207
Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
A
: CE High Active, no resistor for fixing pin’s electrical potential,
no CL discharge resistor
Type of Regulator
B
: CE High Active, no resistor for fixing pin’s electrical potential,
with CL discharge resistor
②③
Output Voltage
12 ~ 50
: ex.) VOUT(T) = 3.0V → ② = 3, ③ = 0
2
: Output voltage 100mV increments
When HS mode, 1.2V≦VOUT(T)≦1.5V : Accuracy±30mV
1.5V<VOUT(T)≦5.0V: Accuracy±2%
When PS mode, 1.2V≦VOUT(T)≦1.5V: Accuracy±30mV or - 45mV
1.5V<VOUT(T)≦5.0V: Accuracy±2% or - 3%
Output Accuracy
A
: Output voltage 50mV increments
When HS mode, 1.2V≦VOUT(T)≦1.5V : Accuracy±30mV
1.5V<VOUT(T)≦5.0V: Accuracy±2%
When PS mode, 1.2V≦VOUT(T)≦1.5V: Accuracy±30mV or - 45mV
1.5V<VOUT(T)≦5.0V: Accuracy±2% or - 3%
E
: USP-6C
M
: SOT-25
Packages
P
: SOT-89-5
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
■PRODUCT CLASSIFICATION
●Ordering Information
XC6207 ①②③④⑤⑥


Similar Part No. - XC6207B12APR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6207B12APR TOREX-XC6207B12APR Datasheet
712Kb / 30P
   CMOS Low Power Consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com