Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC62KN2101PB Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC62KN2101PB
Description  Negative Voltage Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62KN2101PB Datasheet(HTML) 2 Page - Torex Semiconductor

  XC62KN2101PB Datasheet HTML 1Page - Torex Semiconductor XC62KN2101PB Datasheet HTML 2Page - Torex Semiconductor XC62KN2101PB Datasheet HTML 3Page - Torex Semiconductor XC62KN2101PB Datasheet HTML 4Page - Torex Semiconductor XC62KN2101PB Datasheet HTML 5Page - Torex Semiconductor XC62KN2101PB Datasheet HTML 6Page - Torex Semiconductor XC62KN2101PB Datasheet HTML 7Page - Torex Semiconductor XC62KN2101PB Datasheet HTML 8Page - Torex Semiconductor XC62KN2101PB Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2/17
XC62K Series
MARK
DESCRIPTION
SYMBOL
DESCRIPTION
Polarity of Output Voltage
N
: Negative
② ③
Output Voltage
21 ~ 60
:e.g. VOUT – 2.1V → ②=2, ③=1
VOUT – 6.0V → ②=6, ③=0
Temperature Characteristics
0
: + 100ppm (TYP.)
1
: + 1% (Semi-custom)
Output Voltage Accuracy
2
: + 2%
M
: SOT-23
P
: SOT-89
T
: TO-92 (Standard)
L
: TO-92 (Custom pin configuration)
Package
D
: USP-6B
R
: Embossed tape, standard feed
L
: Embossed tape, reverse feed
H
: Paper type (TO-92)
Device Orientation
B
: Bag (TO-92)
PIN NUMBER
SOT-23
SOT-89/TO-92 (T)
TO-92 (L)
USP-6B
PIN NAME
FUNCTION
2
3
3
6
-VIN
Power Supply Input
3
2
1
4
VSS
Ground
1
1
2
2
-VOUT
Output
1.3.5
NC
No Connection
PIN CONFIGURATION
PIN ASSIGNMENT
PRODUCT CLASSIFICATION
Ordering Information
XC62K①②③④⑤⑥⑦
-VOUT VSS -VIN(T Type)
VSS –VOUT –VIN (L Type)
*The dissipation pad for the USP-6B
package
should
be
solder-plated
in
recommended mount pattern and metal
masking so as to enhance mounting
strength and heat release.
If the pad needs to be connected to other
pins, it should be connected to the VSS pin.
TO-92
(TOP VIEW)
NC
NC
NC
-VIN
VSS
-VOUAT


Similar Part No. - XC62KN2101PB

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62KN211DB TOREX-XC62KN211DB Datasheet
1Mb / 14P
   Negative Voltage Regulaters
XC62KN211DH TOREX-XC62KN211DH Datasheet
1Mb / 14P
   Negative Voltage Regulaters
XC62KN211DL TOREX-XC62KN211DL Datasheet
1Mb / 14P
   Negative Voltage Regulaters
XC62KN211DR TOREX-XC62KN211DR Datasheet
1Mb / 14P
   Negative Voltage Regulaters
XC62KN211LB TOREX-XC62KN211LB Datasheet
1Mb / 14P
   Negative Voltage Regulaters
More results

Similar Description - XC62KN2101PB

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
   Negative voltage regulators
logo
Texas Instruments
UA79M00 TI1-UA79M00_17 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_17 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Estek Electronics Co. L...
ET-79LXXND ESTEK-ET-79LXXND Datasheet
1Mb / 5P
   Negative-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com