Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6207A122PL Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6207A122PL
Description  High Speed "Green Operation" LDO Voltage Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6207A122PL Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6207A122PL Datasheet HTML 2Page - Torex Semiconductor XC6207A122PL Datasheet HTML 3Page - Torex Semiconductor XC6207A122PL Datasheet HTML 4Page - Torex Semiconductor XC6207A122PL Datasheet HTML 5Page - Torex Semiconductor XC6207A122PL Datasheet HTML 6Page - Torex Semiconductor XC6207A122PL Datasheet HTML 7Page - Torex Semiconductor XC6207A122PL Datasheet HTML 8Page - Torex Semiconductor XC6207A122PL Datasheet HTML 9Page - Torex Semiconductor XC6207A122PL Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6/32
XC6207Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP. MAX. UNITS CIRCUIT
Switching Current Hysteresis
Range
IGOhys
IGOhys=IGO- IGOR
-
1.0
-
mA
PS Switching Delay Time
TDPS
VCE=VIN, VGO=VSS,
(HS/PS automatic switching)
Time until HS mode switches
to PS mode by IGOR.
-
-
900
μs
CE High Level Voltage
VCEH
VGO=VIN, no load
Voltage to start operation
by applying voltage to the CE.
1.6
-
-
V
CE Low Level Voltage
VCEL
VGO=VIN, no load
Voltage to become the stand-by mode
by applying voltage to the CE.
-
-
0.25
V
GO High Level Voltage
(*7)
VGOH
VCE=VIN, no load
Voltage to become HS mode
by applying voltage to the GO.
1.6
-
-
V
GO Low Level Voltage
(*7)
VGOL
VCE=VIN, no load
Voltage to become HS/PS automatic
switching mode by applying voltage to
the GO.
-
-
0.25
V
CE High Level Current
ICEH
VCE=VIN, VGO=VIN
- 0.1
-
0.1
μA
CE Low Level Current
ICEL
VCE=VSS, VGO=VIN
- 0.1
-
0.1
μA
GO High Level Current
IGOH
VGO =VIN, VCE=VIN
- 0.1
-
0.1
μA
GO Low Level Current
IGOL
VGO=VSS, VCE=VIN
- 0.1
-
0.1
μA
CL Auto-Discharge
Resistance
(* 8)
Rdischg
VIN=6.0V, VOUT=6.0V, VCE=VGO=VSS
-
470
-
Ω
NOTE:
* 1: Unless otherwise stated, VIN=VOUT(T)+1.0V.
* 2: VOUT(T) = Specified output voltage
* 3: VOUT(E) = Effective output voltage
(I.e. the output voltage when an amply stabilized "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value.)
High Speed (HS) mode: The voltage of VGOH or more is input to the GO pin, or the voltage of VGOL or less is input to the GO pin
when the output current is IGO or more.
Power Save (PS) mode: The voltage of VGOL or less is input to the GO pin when the output current is IGOR or less.
* 4: Vdif={VIN1
(*6)-VOUT1(*5)}
* 5: VOUT1=A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T)+1.0V} is input in the HS mode.
* 6: VIN1=The input voltage when VOUT1 appears as Input Voltage is gradually decreased.
* 7: With the GO pin input voltage, the fixed HS mode or Green Operation (GO) is selectable.
* 8: For the XC6207B series only. The XC6207A series discharges by resistors R1 and R2 only as shown in the block diagrams.
* 9: The rated value of the output voltage when VOUT(T) ≦1.5V is shown below.
HS mode : VOUT(T) -30mV≦VOUT(E)≦VOUT(T) +30mV
PS mode : VOUT(T) -45mV≦VOUT(E)≦VOUT(T)+30mV
*10: Recommended conditions for CIN and CL
1.2V≦VOUT(T)<1.8V: CIN=1.0μF, CL=4.7μF (ceramic cap.)
1.8V≦VOUT(T)<2.5V: CIN=1.0μF, CL=1.0μF (ceramic cap.)
2.5V≦VOUT(T)≦5.0V: CIN=2.2μF, CL=1.0μF (ceramic cap.)
■ELECTRICAL CHARACTERISTICS (Continued)
●XC6207A/B series (Continued)
Ta=25℃


Similar Part No. - XC6207A122PL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6207A122PL TOREX-XC6207A122PL Datasheet
712Kb / 30P
   CMOS Low Power Consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com