Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6217A08A Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6217A08A
Description  High Speed "Green Operation" LDO Voltage Regulators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6217A08A Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6217A08A Datasheet HTML 4Page - Torex Semiconductor XC6217A08A Datasheet HTML 5Page - Torex Semiconductor XC6217A08A Datasheet HTML 6Page - Torex Semiconductor XC6217A08A Datasheet HTML 7Page - Torex Semiconductor XC6217A08A Datasheet HTML 8Page - Torex Semiconductor XC6217A08A Datasheet HTML 9Page - Torex Semiconductor XC6217A08A Datasheet HTML 10Page - Torex Semiconductor XC6217A08A Datasheet HTML 11Page - Torex Semiconductor XC6217A08A Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
8/31
XC6217 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNITS CIRCUIT
High Speed Mode (HS),
VOUT(T)≧2.0V, VCE= VIN, IOUT=10mA
x 0.98
(*3)
x 1.02
(*3)
High Speed Mode(HS),
VOU T(T)≦1.95V, VCE=VIN,
IOUT=10mA
-0.03
(*3)
+0.03
(*3)
Power Save Mode (PS),
VOUT(T)≧2.6V, VCE= VIN, IOUT=0.1mA
x0.965
(*3)
x1.025
(*3)
Power Save Mode (PS),
1.6V≦VOUT(T)≦2.55V,
VCE=VIN, IOUT=0.1mA
x 0.955
(*3)
x 1.035
(*3)
Output Voltage
VOUT(E)
(* 2)
Power Save Mode(PS),
0.8V≦VOUT(T)≦1.55V
VCE=VIN, IOUT=0.1mA
-0.09
(*3)
VOUT(T)
(*4)
+0.07
(*3)
V
1
Output Current
IOUTMAX
VCE=VIN, VIN=VOUT(T)+1.0V,
0.8V≦VOUT(T)≦4.0V
200
250-
-
mA
1
Load Regulation
VOUT
VCE=VIN,
8mA≦IOUT≦100mA
-
10
40
mV
1
Dropout Voltage (*5)
Vdif
VCE=VIN, IOUT=100mA
E-4
mV
1
Supply Current 1
ISS1
VIN=VOUT(T)+1.0V, IOUT=8mA
-
25
50
μ
A2
Supply Current 2
ISS2
VIN=VOUT(T)+1.0V, IOUT=0mA
-
4.5
8.0
μ
A2
Standby Current
ISTBY
VIN=6.0V, VCE=VSS
-
0.01
0.10
μ
A2
VOUT(T)+0.5V≦VIN≦6.0V
: VOUT(T)≧1.1V
VCE=VIN, IOUT=10mA
Line Regulation
VOUT
VIN・VOUT
1.6V≦VIN≦6.0V
: VOUT(T)≦1.05V
VCE=VIN, IOUT=10mA
-
0.01
0.20
%/V
1
0.8V≦VOUT(T)≦1.55V
1.6
-
6.0
Input Voltage
VIN
1.6V≦VOUT(T)≦4.0V
1.8
-
6.0
V
1
Output Voltage
Temperature Characteristics
VOUT
Ta・VOUT
VCE=VIN,
IOUT=30mA, -40℃<Ta<85℃
-
±
100
-
ppm/℃
1
VIN={VOUT(T)+1.0}VDC+0.5Vp-pAC
: 0.85V≦VOUT(T)≦4.0V
VCE=VIN, IOUT=30mA, f=1kHz
Ripple Rejection Rate
PSRR
VIN=1.85VDC+0.5Vp-pAC
: VOUT(T)≦0.8V
VCE=VIN, IOUT=30mA, f=1kHz
-
70
-
dB
3
Limit Current
Ilim
VCE=VIN
200
250
-
mA
1
Short Current
Ishort
VCE=VIN
VOUT is short-circuited at the VSS
level.
-
30
-
mA
1
ELECTRICAL CHARACTERISTICS (Continued)
Ta=25℃
XC6217C/D series


Similar Part No. - XC6217A08A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6217A08A7R-G TOREX-XC6217A08A7R-G Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217A08AGL TOREX-XC6217A08AGL Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XC6217A08AGR TOREX-XC6217A08AGR Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
XC6217A08AGR TOREX-XC6217A08AGR Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217A08AGR-G TOREX-XC6217A08AGR-G Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com