Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT-SMD181220022-TR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GT-SMD181220022-TR
Description  3.2 x 4.5mm SURFACE MOUNT SURGE, ARRESTOR, 200V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GT-SMD181220022-TR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GT-SMD181220022-TR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - GT-SMD181220022-TR

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
GT-SMD181220022-TR LUMEX-GT-SMD181220022-TR Datasheet
59Kb / 1P
   3.2 x 4.5mm SURFACE MOUNT SURGE ARRESTOR, 200V
More results

Similar Description - GT-SMD181220022-TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GT-SMD181220012-TR ETC2-GT-SMD181220012-TR Datasheet
58Kb / 1P
   3.2 x 4.5mm SURFACE MOUNT SURGE, ARRESTOR, 200V
logo
LUMEX INC.
GT-SMD181220022-TR LUMEX-GT-SMD181220022-TR Datasheet
59Kb / 1P
   3.2 x 4.5mm SURFACE MOUNT SURGE ARRESTOR, 200V
GT-SMD181220012-TR LUMEX-GT-SMD181220012-TR Datasheet
58Kb / 1P
   3.2 x 4.5mm SURFACE MOUNT SURGE, ARRESTOR, 200V
logo
List of Unclassifed Man...
GT-SMD181230012-TR ETC2-GT-SMD181230012-TR Datasheet
58Kb / 1P
   3.2 x 4.5mm SURFACE MOUNT SURGE, ARRESTOR, 30
GT-SMD181215012-TR ETC2-GT-SMD181215012-TR Datasheet
58Kb / 1P
   3.2 x 4.5mm SURFACE MOUNT SURGE, ARRESTOR, 150V
GT-SMD181235012-TR ETC2-GT-SMD181235012-TR Datasheet
58Kb / 1P
   3.2 x 4.5mm SURFACE MOUNT SURGE, ARRESTOR, 450V
logo
LUMEX INC.
GT-SMD181240022-TR LUMEX-GT-SMD181240022-TR Datasheet
58Kb / 1P
   3.2 x 4.5mm SURFACE MOUNT SURGE, ARRESTOR, 400V
logo
List of Unclassifed Man...
GT-SMD181230022-TR ETC2-GT-SMD181230022-TR Datasheet
59Kb / 1P
   3.2 x 4.5mm SURFACE MOUNT SURGE, ARRESTOR, 300V
GT-SMD181240012-TR ETC2-GT-SMD181240012-TR Datasheet
58Kb / 1P
   3.2 x 4.5mm SURFACE MOUNT SURGE, ARRESTOR, 400V
GT-SMD181215022-TR ETC2-GT-SMD181215022-TR Datasheet
58Kb / 1P
   3.2 x 4.5mm SURFACE MOUNT SURGE, ARRESTOR, 150V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com