Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6219C09AMR Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6219C09AMR
Description  High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6219C09AMR Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6219C09AMR Datasheet HTML 4Page - Torex Semiconductor XC6219C09AMR Datasheet HTML 5Page - Torex Semiconductor XC6219C09AMR Datasheet HTML 6Page - Torex Semiconductor XC6219C09AMR Datasheet HTML 7Page - Torex Semiconductor XC6219C09AMR Datasheet HTML 8Page - Torex Semiconductor XC6219C09AMR Datasheet HTML 9Page - Torex Semiconductor XC6219C09AMR Datasheet HTML 10Page - Torex Semiconductor XC6219C09AMR Datasheet HTML 11Page - Torex Semiconductor XC6219C09AMR Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8/23
XC6219/6211 Series
OPERATIONAL EXPLANATION
<Output Voltage Control>
The voltage divided by resistors R1 & R2 is compared with the internal reference voltage by the error amplifier. The
P-channel MOSFET, which is connected to the VOUT pin, is then driven by the subsequent output signal. The output
voltage at the VOUT pin is controlled and stabilized by a system of negative feedback. The current limit circuit and short
protect circuit operate in relation to the level of output current. Further, the IC's internal circuitry can be shutdown via the
CE pin's signal
<Low ESR Capacitors>
With the XC6209/6212 series, a stable output voltage is achievable even if used with low ESR capacitors as a phase
compensation circuit is built-in. In order to ensure the effectiveness of the phase compensation, we suggest that an output
capacitor (CL) is connected as close as possible to the output pin (VOUT) and the VSS pin. Please use an output capacitor
with a capacitance value of at least 1μF. Also, please connect an input capacitor (CIN) of 0.1μF between the VIN pin and the
VSS pin in order to ensure a stable power input.
Stable phase compensation may not be ensured if the capacitor runs out capacitance when depending on bias and
temperature. In case the capacitor depends on the bias and temperature, please make sure the capacitor can ensure the
actual capacitance.
<Current Limiter, Short-Circuit Protection>
The XC6219/6211 series includes a combination of a fixed current limiter circuit & a foldback circuit, which aid the operations
of the current limiter and circuit protection. When the load current reaches the current limit level, the fixed current limiter
circuit operates and output voltage drops. As a result of this drop in output voltage, the foldback circuit operates, output
voltage drops further and output current decreases. When the output pin is shorted, a current of about 50mA flows.
<CE Pin>
The IC's internal circuitry can be shutdown via the signal from the CE pin with the XC6219/6211 series. In shutdown mode,
output at the VOUT pin will be pulled down to the VSS level via R1 & R2. The operational logic of the IC's CE pin is selectable
(please refer to the selection guide). Note that as the standard XC6219/6211B type's regulator 1 and 2 are both ' High
Active/No Pull-Down', operations will become unstable with the CE pin open. Although the CE pin is equal to an inverter input
with CMOS hysteresis, with either the pull-up or pull-down options, the CE pin input current will increase when the IC is in
operation. We suggest that you use this IC with either a VIN voltage or a VSS voltage input at the CE pin. If this IC is used with
the correct specifications for the CE pin, the operational logic is fixed and the IC will operate normally. However, supply
current may increase as a result of through current in the IC's internal circuitry.
1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be
exceeded.
2. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output
current. Please keep the resistance low between VIN and VSS wiring in particular.
3. Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible.
NOTES ON USE


Similar Part No. - XC6219C09AMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219C09AMR TOREX-XC6219C09AMR Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
More results

Similar Description - XC6219C09AMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6204B182MR TOREX-XC6204B182MR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com