Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6203E18ALB Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6203E18ALB
Description  Large Current Positive Voltage Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6203E18ALB Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6203E18ALB Datasheet HTML 2Page - Torex Semiconductor XC6203E18ALB Datasheet HTML 3Page - Torex Semiconductor XC6203E18ALB Datasheet HTML 4Page - Torex Semiconductor XC6203E18ALB Datasheet HTML 5Page - Torex Semiconductor XC6203E18ALB Datasheet HTML 6Page - Torex Semiconductor XC6203E18ALB Datasheet HTML 7Page - Torex Semiconductor XC6203E18ALB Datasheet HTML 8Page - Torex Semiconductor XC6203E18ALB Datasheet HTML 9Page - Torex Semiconductor XC6203E18ALB Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6/20
XC6203 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output Voltage
VOUT(E) (*2)
VIN=6.0V
IOUT=40mA
4.900
5.000
5.100
V
Maximum Output Current
IOUTmax
VIN=6.0V
VOUT≧VOUT(E)×0.96
400
-
-
mA
Load Regulation
△VOUT
VIN=6.0V
1mA≦IOUT≦200mA
-
40
100
mV
Vdif1
IOUT=100mA
-
100
180
Dropout Voltage
(*3)
Vdif2
IOUT=200mA
-
200
320
mV
Supply Current
ISS
VIN=6.0V
-
10.0
20.0
μA
Line Regulation
△VOUT
△VIN・VOUT
IOUT=40mA
6.0V≦VIN≦8.0V
-
0.2
0.3
%/V
Input Voltage
VIN
-
-
8.0
V
Output Voltage
Temperature Characteristics
△VOUT
△Topr・VOUT
IOUT=40mA
-40℃≦Topr≦85℃
-
±100
-
ppm
/℃
Short-Circuit Current
(XC6203P Series Only)
IIim
VIN=6.0V
VOUT=0V
-
60
-
mA
XC6203X502
VOUT(T) = 5.0V (*1)
Ta=25℃
■TYPICAL APPLICATION CIRCUIT
■ELECTRICAL CHARACTERISTICS (Continued)
NOTE:
*1: VOUT(T) = Specified output voltage.
*2: VOUT(E) = Effective output voltage
(i.e. the output voltage when “VOUT(T)+1.0V” is provided at the VIN pin while maintaining a certain IOUT value).
*3: Vdif = VIN1 - VOUT1
*4: VOUT1 = A voltage equal to 98% of the output voltage when “VOUT (T) + 1.0V” is input.
*5: VIN1 = The input voltage when VOUT1 appears as input voltage is gradually decreased.


Similar Part No. - XC6203E18ALB

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6203E18ALB TOREX-XC6203E18ALB Datasheet
506Kb / 18P
   POSITIVE VOLTAGE REGULATORS
More results

Similar Description - XC6203E18ALB

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1106 UTC-LR1106_17 Datasheet
869Kb / 17P
   LARGE CURRENT POSITIVE VOLTAGE REGULATORS
LR1106 UTC-LR1106 Datasheet
575Kb / 16P
   LARGE CURRENT POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
LR1106 ETL-LR1106 Datasheet
859Kb / 17P
   LARGE CURRENT POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LR1106 UTC-LR1106_12 Datasheet
866Kb / 17P
   LARGE CURRENT POSITIVE
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Cystech Electonics Corp...
PL78M05XA3 CYSTEKEC-PL78M05XA3 Datasheet
154Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
PL78M05XT3 CYSTEKEC-PL78M05XT3 Datasheet
155Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Cystech Electonics Corp...
LM78M05J3 CYSTEKEC-LM78M05J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78MXXJ3 CYSTEKEC-LM78MXXJ3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com