Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH3211-3 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH3211-3
Description  NPN-Silizium-Fototransistor in SMT TOPLED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3211-3 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH3211-3 Datasheet HTML 1Page - OSRAM GmbH SFH3211-3 Datasheet HTML 2Page - OSRAM GmbH SFH3211-3 Datasheet HTML 3Page - OSRAM GmbH SFH3211-3 Datasheet HTML 4Page - OSRAM GmbH SFH3211-3 Datasheet HTML 5Page - OSRAM GmbH SFH3211-3 Datasheet HTML 6Page - OSRAM GmbH SFH3211-3 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2002-01-25
4
SFH 3211, SFH 3211 FA
Directional Characteristics
S
rel = f (ϕ)
Die Fototransistoren werden nach ihrer Fotoempfindlichkeit gruppiert und mit arabischen Ziffern
gekennzeichnet.
The phototransistors are grouped according to their spectral sensitivity and distinguished by
arabian figures.
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
SFH
3211/FA
-2
-3
-4
Fotostrom,
λ = 950 nm
Photocurrent
E
e = 0.1 mW/cm
2, V
CE = 5 V
SFH 3211:
E
v = 1000 Ix, Normlicht/
standard light A,
V
CE = 5 V
I
PCE
I
PCE
≥ 16
16
… 32
420
25
… 50
650
40
… 80
1000
µA
µA
Anstiegszeit/Abfallzeit
Rise and fall time
I
C = 1 mA, VCC = 5 V, RL = 1 kΩ
t
r, tf
76
7
8
µs
Kollektor-Emitter-
Sättigungsspannung
Collector-emitter saturation voltage
I
C = IPCEmin
1)
× 0.3,
E
e = 0.1 mW/cm
2
V
CEsat
150
150
150
150
mV
1)
IPCEmin ist der minimale Fotostrom der jeweiligen Gruppe.
1)
IPCEmin is the min. photocurrent of the specified group.
OHF01402
90
80
70
60
50
40
30
20
10
20
40
60
80
100
120
0.4
0.6
0.8
1.0
ϕ
0.2
0.4
0.6
0.8
1.0
100
0
0
0


Similar Part No. - SFH3211-3

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH3219 OSRAM-SFH3219 Datasheet
64Kb / 7P
   Silicon NPN Phototransistor in SMT-Package with lens
More results

Similar Description - SFH3211-3

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH320 OSRAM-SFH320_01 Datasheet
149Kb / 7P
   NPN-Silizium-Fototransistor im SMT TOPLED
SFH3010 OSRAM-SFH3010 Datasheet
56Kb / 6P
   NPN-Silizium-Fototransistor
SFH3401 OSRAM-SFH3401_01 Datasheet
72Kb / 7P
   NPN-Silizium-Fototransistor
BPX81 OSRAM-BPX81_01 Datasheet
171Kb / 6P
   NPN-Silizium-Fototransistor
SFH3201 OSRAM-SFH3201 Datasheet
70Kb / 7P
   NPN-Silizium-Fototransistor im SMT-Gehase
SFH302 OSRAM-SFH302_01 Datasheet
184Kb / 6P
   NPN-Silizium-Fototransistor
SFH-303-FA OSRAM-SFH-303-FA Datasheet
304Kb / 7P
   NPN-Silizium-Fototransistor
BP-103 OSRAM-BP-103 Datasheet
226Kb / 7P
   NPN-Silizium-Fototransistor
logo
Siemens Semiconductor G...
BP103B SIEMENS-BP103B Datasheet
163Kb / 5P
   NPN-Silizium-Fototransistor NEU: NPN-Silizium-Fototransistor mit Tageslichtsperrfilter
logo
OSRAM GmbH
SFH305 OSRAM-SFH305_01 Datasheet
184Kb / 6P
   Mini-NPN-Silizium-Fototransistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com