Electronic Components Datasheet Search |
|
XC610101C016EL Datasheet(PDF) 1 Page - Torex Semiconductor |
|
XC610101C016EL Datasheet(HTML) 1 Page - Torex Semiconductor |
1 / 27 page 1/27 XC6101~XC6107, XC6111~XC6117 Series Voltage Detector (VDF=1.6V~5.0V) ■GENERAL DESCRIPTION The XC6101~XC6107, XC6111~XC6117 series are groups of high-precision, low current consumption voltage detectors with manual reset input and watchdog functions incorporating CMOS process technology. The series consist of a reference voltage source, delay circuit, comparator, and output driver. With the built-in delay circuit, the XC6101 ~ XC6107, XC6111 ~ XC6117 series do not require any external components to output signals with release delay time. Moreover, with the manual reset function, reset can be asserted at any time. The ICs produce two types of output; VDFL (low when detected) and VDFH (high when detected). With the XC6101 ~ XC6105, XC6111 ~ XC6115 series, the WD pin can be left open if the watchdog function is not used. Whenever the watchdog pin is opened, the internal counter clears before the watchdog timeout occurs. Since the manual reset pin is internally pulled up to the VIN pin voltage level, the ICs can be used by leaving the manual reset pin unconnected if the pin is unused. The detect voltages are internally fixed 1.6V ~ 5.0V in increments of 100mV, using laser trimming technology. Six watchdog timeout periods are available in a range from 6.25ms to 1.6s. Seven release delay times are available in a range from 3.13ms to 1.6s. ■APPLICATIONS ●Microprocessor reset circuits ●Memory battery backup circuits ●System power-on reset circuits ●Power failure detection ■TYPICAL APPLICATION CIRCUIT * Not necessary with CMOS output products. ■FEATURES Detect Voltage Range : 1.6V ~ 5.0V, +2% (100mV increments) Hysteresis Width : VDF x 5%, TYP. (XC6101~XC6107) VDF x 0.1%, TYP. (XC6111~XC6117) Operating Voltage Range : 1.0V ~ 6.0V Detect Voltage Temperature Coefficient : +100ppm/OC (TYP.) Output Configuration : N-channel open drain, CMOS Reset Output Options : VDFL (Low when detected) VDFH (High when detected) Watchdog Function : Watchdog input WD; If it remains ether high or low for the duration of the watchdog timeout period, a reset is asserted. Manual Reset Function : Manual Reset Input MRB; When it changes from high to low, a reset is asserted. Release Delay Time : 1.6s, 400ms, 200ms, 100ms, 50ms, 25ms, 3.13ms (TYP.) Watchdog Timeout Period : 1.6s, 400ms, 200ms, 100ms, 50ms, 6.25ms (TYP.) Packages : SOT-25, USP-6C ■TYPICAL PERFORMANCE CHARACTERISTICS ●Supply Current vs. Input Voltage XC6101/XC6102 VIN MRB VSS WD RESETB Rpull * RESETB INPUT I/O VIN VSS VIN μ P * ‘x’ represents both ‘0’ and ‘1’. (ex. XC61x1⇒XC6101 and XC6111) 0 5 10 15 20 25 30 012 3456 Input Voltage: VIN (V) XC61X1~XC61X5 (2.7V) Ta=85℃ Ta=-40℃ Ta=25℃ ETR0207_010 |
Similar Part No. - XC610101C016EL |
|
Similar Description - XC610101C016EL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |