Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6216C20C201ER Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6216C20C201ER
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216C20C201ER Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6216C20C201ER Datasheet HTML 7Page - Torex Semiconductor XC6216C20C201ER Datasheet HTML 8Page - Torex Semiconductor XC6216C20C201ER Datasheet HTML 9Page - Torex Semiconductor XC6216C20C201ER Datasheet HTML 10Page - Torex Semiconductor XC6216C20C201ER Datasheet HTML 11Page - Torex Semiconductor XC6216C20C201ER Datasheet HTML 12Page - Torex Semiconductor XC6216C20C201ER Datasheet HTML 13Page - Torex Semiconductor XC6216C20C201ER Datasheet HTML 14Page - Torex Semiconductor XC6216C20C201ER Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11/29
XC6216/XE6216
Series
E-0
E-1
E-2
PARAMETER
SETTING
VOLTAGE
OUTPUT VOLTAGE
(V)
2% ACCURACY
OUTPUT VOLTAGE
(V)
1% ACCURACY
DROPOUT VOLTAGE 1
(mV)
IOUT=20mA
DROPOUT VOLTAGE 2
(mV)
IOUT=100mA
VOUT
VOUT
Vdif1
Vdif2
VOUT(T)
(V)
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
8.1
7.938
8.262
8.019
8.181
130
190
700
950
8.2
8.036
8.364
8.118
8.282
130
190
700
950
8.3
8.134
8.466
8.217
8.383
130
190
700
950
8.4
8.232
8.568
8.316
8.484
130
190
700
950
8.5
8.330
8.670
8.415
8.585
130
190
700
950
8.6
8.428
8.772
8.514
8.686
130
190
700
950
8.7
8.526
8.874
8.613
8.787
130
190
700
950
8.8
8.624
8.976
8.712
8.888
130
190
700
950
8.9
8.722
9.078
8.811
8.989
130
190
700
950
9.0
8.820
9.180
8.910
9.090
130
190
700
950
9.1
8.918
9.282
9.009
9.191
130
190
700
950
9.2
9.016
9.384
9.108
9.292
130
190
700
950
9.3
9.114
9.486
9.207
9.393
130
190
700
950
9.4
9.212
9.588
9.306
9.494
130
190
700
950
9.5
9.310
9.690
9.405
9.595
130
190
700
950
9.6
9.408
9.792
9.504
9.696
130
190
700
950
9.7
9.506
9.894
9.603
9.797
130
190
700
950
9.8
9.604
9.996
9.702
9.898
130
190
700
950
9.9
9.702
10.098
9.801
9.999
130
190
700
950
10.0
9.800
10.200
9.900
10.100
130
190
700
950
10.1
9.898
10.302
9.999
10.201
120
160
650
850
10.2
9.996
10.404
10.098
10.302
120
160
650
850
10.3
10.094
10.506
10.197
10.403
120
160
650
850
10.4
10.192
10.608
10.296
10.504
120
160
650
850
10.5
10.290
10.710
10.395
10.605
120
160
650
850
10.6
10.388
10.812
10.494
10.706
120
160
650
850
10.7
10.486
10.914
10.593
10.807
120
160
650
850
10.8
10.584
11.016
10.692
10.908
120
160
650
850
10.9
10.682
11.118
10.791
11.009
120
160
650
850
11.0
10.780
11.220
10.890
11.110
120
160
650
850
11.1
10.878
11.322
10.989
11.211
120
160
650
850
11.2
10.976
11.424
11.088
11.312
120
160
650
850
11.3
11.074
11.526
11.187
11.413
120
160
650
850
11.4
11.172
11.628
11.286
11.514
120
160
650
850
11.5
11.270
11.730
11.385
11.615
120
160
650
850
11.6
11.368
11.832
11.484
11.716
120
160
650
850
11.7
11.466
11.934
11.583
11.817
120
160
650
850
11.8
11.564
12.036
11.682
11.918
120
160
650
850
11.9
11.662
12.138
11.781
12.019
120
160
650
850
12.0
11.760
12.240
11.880
12.120
120
160
650
850
■ELECTRICAL CHARACTERISTICS (Continued)
Voltage Chart (Continued)


Similar Part No. - XC6216C20C201ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6216C201ER TOREX-XC6216C201ER Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216C201FR TOREX-XC6216C201FR Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216C201FR-G TOREX-XC6216C201FR-G Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216C201JR TOREX-XC6216C201JR Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216C201ML TOREX-XC6216C201ML Datasheet
722Kb / 41P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
More results

Similar Description - XC6216C20C201ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6216 TOREX-XC6216_2 Datasheet
722Kb / 41P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216 TOREX-XC6216_3 Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6701 TOREX-XC6701_1 Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701 Datasheet
483Kb / 32P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701_2 Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XD6216 TOREX-XD6216 Datasheet
747Kb / 18P
   28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)
XC6216 TOREX-XC6216 Datasheet
330Kb / 12P
   Voltage Regullators with Stand-by Function-Input Voltage: 30V
XD6506 TOREX-XD6506 Datasheet
1,015Kb / 24P
   Ultra-Low Quiescent Current Voltage Regulator (with Stand-by Function)
logo
NIHON DEMPA KOGYO
NT2016SD NDK-NT2016SD Datasheet
299Kb / 1P
   Equipped with the temperature sensor voltage output function and Enable / Disable(Stand-by) function (VC-TCXO) NT2016S Series
logo
STMicroelectronics
LM2931 STMICROELECTRONICS-LM2931 Datasheet
361Kb / 19P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com