Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74V2G66 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74V2G66
Description  DUAL BILATERAL SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2G66 Datasheet(HTML) 4 Page - STMicroelectronics

  74V2G66 Datasheet HTML 1Page - STMicroelectronics 74V2G66 Datasheet HTML 2Page - STMicroelectronics 74V2G66 Datasheet HTML 3Page - STMicroelectronics 74V2G66 Datasheet HTML 4Page - STMicroelectronics 74V2G66 Datasheet HTML 5Page - STMicroelectronics 74V2G66 Datasheet HTML 6Page - STMicroelectronics 74V2G66 Datasheet HTML 7Page - STMicroelectronics 74V2G66 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ANALOG SWITCH CHARACTERISTICS (GND = 0 V, TA =25
oC)
Symb ol
Parameter
Test Co ndi ti on
Val ue
Un it
VCC
(V)
VIN
(Vp-p)
Sine Wave Distortion
(THD)
3.3
2.75
fIN = 1 KHz
RL = 10K
CL = 50 pF
0.04
%
5.0
(*)
4
0.04
fMAX
Frequency Response
(Switch ON)
3.3
Adjust fIN voltage to Obtain 0dBm at VOS.
Increase fIN Frequency until dB Meter reads -3dB
RL =50
Ω, CL = 10pF
150
MHz
5.0
(*)
180
Feedthrough
Attenuation
(Switch OFF)
3.3
VIN is centered at VCC/2.
Adjust fIN voltage to obtain 0dBm at VIS
RL = 600
Ω,CL = 50pF, fIN = 1MHz sine wave
-60
dB
5.0
(*)
-60
Crosstalk (Control
Input to Signal Output)
3.3
RL = 600
Ω,CL = 50pF, fIN = 1MHz square wave
tr =tf = 6ns
60
mV
5.0
(*)
60
Crosstalk (Between
Switches)
3.3
RL = 600
Ω,CL = 50pF, fIN = 1MHz sine wave
-60
dB
5.0
(*)
-60
(*) Voltage range is 5V
± 0.5V
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr =tf =3 ns)
Symb ol
Parameter
Test Co nditi on
Val ue
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
tPD
Delay Time
3.3
(*)
tr =tf =6ns
0.4
0.8
1.2
ns
5.0
(**)
0.3
0.6
1.0
tPZL
tPZH
Output Enable Time
3.3
(*)
RL =1k
2.5
4.0
5.0
ns
5.0
(**)
2.0
4.0
5.0
tPLZ
tPHZ
Output Disable Time
3.3
(*)
RL = 500
5.0
7.5
9.0
ns
5.0
(**)
5.0
7.5
9.0
CIN
Input Capacitance
5
pF
CI/O
Switch Terminal
Capacitance
10
pF
CPD
Power Dissipation
Capacitance (note 1)
3.3
2.5
pF
5.0
3
1) CPD isdefined as the value of the IC’sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto
Test Circuit).Average operating current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC/2 (switch).
(*) Voltage range is 3.3V
± 0.3V
(**) Voltagerange is 5V
± 0.5V
74V2G66
4/8


Similar Part No. - 74V2G66

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2G66 STMICROELECTRONICS-74V2G66 Datasheet
166Kb / 9P
   DUAL BILATERAL SWITCH
74V2G66 STMICROELECTRONICS-74V2G66_03 Datasheet
166Kb / 9P
   DUAL BILATERAL SWITCH
More results

Similar Description - 74V2G66

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4W66F TOSHIBA-TC4W66F_07 Datasheet
415Kb / 8P
   Dual Bilateral Switch
logo
STMicroelectronics
74V2T66 STMICROELECTRONICS-74V2T66_07 Datasheet
442Kb / 14P
   Dual bilateral switch
logo
Toshiba Semiconductor
TC7W66FK0 TOSHIBA-TC7W66FK0_09 Datasheet
222Kb / 10P
   Dual Bilateral Switch
TC4W66F TOSHIBA-TC4W66F Datasheet
273Kb / 7P
   DUAL BILATERAL SWITCH
logo
STMicroelectronics
74V2G66 STMICROELECTRONICS-74V2G66_03 Datasheet
166Kb / 9P
   DUAL BILATERAL SWITCH
logo
Toshiba Semiconductor
TC4W66FU TOSHIBA-TC4W66FU_08 Datasheet
278Kb / 8P
   Dual Bilateral Switch
TC7W66F TOSHIBA-TC7W66F Datasheet
298Kb / 10P
   DUAL BILATERAL SWITCH
logo
STMicroelectronics
74V2T66 STMICROELECTRONICS-74V2T66 Datasheet
161Kb / 9P
   DUAL BILATERAL SWITCH
June 2003
logo
Toshiba Semiconductor
TC7W66F TOSHIBA-TC7W66F_01 Datasheet
328Kb / 11P
   DUAL BILATERAL SWITCH
logo
Texas Instruments
SN74LVC2G66 TI-SN74LVC2G66_07 Datasheet
585Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com