Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH480 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH480
Description  GaAlAs-Lumineszenzdioden
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH480 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH480 Datasheet HTML 1Page - OSRAM GmbH SFH480 Datasheet HTML 2Page - OSRAM GmbH SFH480 Datasheet HTML 3Page - OSRAM GmbH SFH480 Datasheet HTML 4Page - OSRAM GmbH SFH480 Datasheet HTML 5Page - OSRAM GmbH SFH480 Datasheet HTML 6Page - OSRAM GmbH SFH480 Datasheet HTML 7Page - OSRAM GmbH SFH480 Datasheet HTML 8Page - OSRAM GmbH SFH480 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2001-10-01
4
SFH 480, SFH 481, SFH 482
Aktive Chipfläche
Active chip area
A
0.16
mm
2
Abmessungen der aktiven Chipfläche
Dimension of the active chip area
L
× B
L
× W
0.4
× 0.4
mm
Abstand Chipoberfläche bis Linsenscheitel
Distance chip front to lens top
SFH 480
SFH 481
SFH 482
H
H
H
4.0
… 4.8
2.8
… 3.7
2.1
… 2.7
mm
mm
mm
Schaltzeiten, I
e von 10% auf 90% und von 90%
auf 10%, bei
I
F = 100 mA, RL = 50 Ω
Switching times,
Ι
e from 10% to 90% and from
90% to 10%,
I
F = 100 mA, RL = 50 Ω
t
r, tf
0.6/0.5
µs
Kapazität
Capacitance
V
R = 0 V, f = 1 MHz
C
o
25
pF
Durchlaßspannung
Forward voltage
I
F = 100 mA, tp = 20 ms
I
F = 1 A, tp = 100 µs
V
F
V
F
1.50 (
≤ 1.8)
2.4 (
< 3.0)
V
V
Sperrstrom,
Reverse current
V
R = 5 V
I
R
0.01 (
≤ 1)
µA
Gesamtstrahlungsfluß
Total radiant flux
I
F = 100 mA, tp = 20 ms
Φ
e
12
mW
Temperaturkoeffizient von I
e bzw. Φe,
I
F = 100 mA
Temperature coefficient of I
e or Φe,
I
F = 100 mA
TC
I
– 0.5
%/K
Temperaturkoeffizient von
V
F, IF = 100 mA
Temperature coefficient of
V
F, IF = 100 mA
TC
V
– 2mV/K
Temperaturkoeffizient von
λ, I
F = 100 mA
Temperature coefficient of
λ, I
F = 100 mA
TCλ
+ 0.25
nm/K
Kennwerte (
T
A = 25 °C)
Characteristics (cont’d)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit


Similar Part No. - SFH480

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH480 SIEMENS-SFH480 Datasheet
66Kb / 7P
   GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
SFH480-1 SIEMENS-SFH480-1 Datasheet
81Kb / 2P
   GaAlAs INFRARED EMITTER
SFH480-2 SIEMENS-SFH480-2 Datasheet
66Kb / 7P
   GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
SFH480-3 SIEMENS-SFH480-3 Datasheet
66Kb / 7P
   GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
More results

Similar Description - SFH480

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-480 OSRAM-SFH-480 Datasheet
104Kb / 9P
   GaAlAs-Lumineszenzdioden
SFH-4580 OSRAM-SFH-4580 Datasheet
84Kb / 7P
   GaAlAs-IR-Lumineszenzdioden
SFH-484 OSRAM-SFH-484 Datasheet
81Kb / 8P
   GaAlAs-IR-Lumineszenzdioden
SFH484 OSRAM-SFH484_10 Datasheet
155Kb / 10P
   GaAlAs-IR-Lumineszenzdioden (880 nm)
logo
Siemens Semiconductor G...
SFH480 SIEMENS-SFH480 Datasheet
66Kb / 7P
   GaAlAs-IR-Lumineszenzdioden 880 nm GaAlAs Infrared Emitters 880 nm
logo
OSRAM GmbH
SFH4580 OSRAM-SFH4580_12 Datasheet
159Kb / 9P
   GaAlAs-IR-Lumineszenzdioden (880 nm) in SMR짰 Geh채use
SFH-4510 OSRAM-SFH-4510 Datasheet
271Kb / 8P
   GaAs-IR-Lumineszenzdioden
SFH-415 OSRAM-SFH-415 Datasheet
111Kb / 7P
   GaAs-IR-Lumineszenzdioden
logo
OSA Opto Light GmbH
128144 OSA-128144 Datasheet
53Kb / 1P
   GaAlAs / GaAlAs LED Chips
123144 OSA-123144 Datasheet
53Kb / 1P
   GaAlAs / GaAlAs LED Chips
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com