Electronic Components Datasheet Search |
|
TLV2252MJGB Datasheet(PDF) 7 Page - Texas Instruments |
|
|
TLV2252MJGB Datasheet(HTML) 7 Page - Texas Instruments |
7 / 55 page TLV225x, TLV225xA Advanced LinCMOS RAILTORAIL VERY LOW POWER OPERATIONAL AMPLIFIERS SLOS185D − FEBRUARY 1997 − REVISED AUGUST 2006 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLV2252I electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted) (continued) PARAMETER TEST CONDITIONS TA† TLV2252I TLV2252AI UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT kSVR Supply voltage rejection ratio VDD = 2.7 V to 8 V, V = V /2, No load 25 °C 80 95 80 100 dB kSVR rejection ratio ( ∆VDD /∆VIO) VDD = 2.7 V to 8 V, VIC = VDD /2, No load Full range 80 80 dB IDD Supply current VO = 1.5 V, No load 25 °C 68 125 68 125 µA IDD Supply current VO = 1.5 V, No load Full range 150 150 µA † Full range is − 40°C to 125°C. TLV2252I operating characteristics at specified free-air temperature, VDD = 3 V PARAMETER TEST CONDITIONS TA† TLV2252I TLV2252AI UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT V = 1.1 V to 1.9 V, 25 C 0.07 0.1 0.07 0.1 VO = 1.1 V to 1.9 V, R = 100 k ‡, 25 °C 0.07 0.1 0.07 0.1 SR Slew rate at unity gain VO = 1.1 V to 1.9 V, RL = 100 kΩ‡, CL = 100 pF‡ Full 0.05 0.05 V/ µs SR Slew rate at unity gain RL = 100 k , CL = 100 pF‡ Full range 0.05 0.05 V/ µs Vn Equivalent input noise f = 10 Hz 25 °C 35 35 nV/ √Hz Vn Equivalent input noise voltage f = 1 kHz 25 °C 19 19 nV/ √Hz VN(PP) Peak-to-peak equivalent input noise f = 0.1 Hz to 1 Hz 25 °C 0.6 0.6 V VN(PP) equivalent input noise voltage f = 0.1 Hz to 10 Hz 25 °C 1.1 1.1 µV In Equivalent input noise current 25 °C 0.6 0.6 fA / √Hz Gain-bandwidth product f = 1 kHz, ‡ RL = 50 kΩ‡, 25 °C 0.187 0.187 MHz Gain-bandwidth product f = 1 kHz, CL = 100 pF‡ RL = 50 kΩ‡, 25 °C 0.187 0.187 MHz BOM Maximum output-swing VO(PP) = 1 V, ‡ AV = 1, ‡ 25 °C 60 60 kHz BOM Maximum output-swing bandwidth VO(PP) = 1 V, RL = 50 kΩ‡, AV = 1, CL = 100 pF‡ 25 °C 60 60 kHz φm Phase margin at unity gain RL = 50 kΩ‡, CL = 100 pF‡ 25 °C 63 ° 63 ° Gain margin RL = 50 kΩ‡, CL = 100 pF‡ 25 °C 15 15 dB † Full range is − 40°C to 125°C. ‡ Referenced to 1.5 V |
Similar Part No. - TLV2252MJGB |
|
Similar Description - TLV2252MJGB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |