Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR425 Datasheet(PDF) 2 Page - Analog Devices

Part # ADR425
Description  Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR425 Datasheet(HTML) 2 Page - Analog Devices

  ADR425 Datasheet HTML 1Page - Analog Devices ADR425 Datasheet HTML 2Page - Analog Devices ADR425 Datasheet HTML 3Page - Analog Devices ADR425 Datasheet HTML 4Page - Analog Devices ADR425 Datasheet HTML 5Page - Analog Devices ADR425 Datasheet HTML 6Page - Analog Devices ADR425 Datasheet HTML 7Page - Analog Devices ADR425 Datasheet HTML 8Page - Analog Devices ADR425 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
AD5762R
Preliminary Technical Data
Rev. PrA | Page 2 of 33
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Functional Block Diagram .............................................................. 3
Specifications..................................................................................... 4
AC Performance Characteristic...................................................... 6
Timing Characteristics..................................................................... 7
Absolute Maximum Ratings.......................................................... 10
ESD Caution................................................................................ 10
Pin Configuration and Function Descriptions........................... 11
Terminology .................................................................................... 13
Typical Performance Characteristics ........................................... 15
Theory of Operation ...................................................................... 21
DAC Architecture....................................................................... 21
Reference Buffers........................................................................ 21
Serial Interface ............................................................................ 21
Simultaneous Updating via LDAC........................................... 22
Transfer Function ....................................................................... 23
Asynchronous Clear (CLR)....................................................... 23
Function Register ....................................................................... 24
Data Register............................................................................... 25
Coarse Gain Register ................................................................. 25
Fine Gain Register ...................................................................... 25
Offset Register ............................................................................ 25
Offset and Gain Adjustment Worked Example...................... 27
AD5762R Features.......................................................................... 28
Analog Output Control ............................................................. 28
Digital Offset and Gain Control............................................... 28
Programmable Short-Circuit Protection ................................ 28
Digital I/O Port........................................................................... 28
die Temperature Sensor............................................................. 28
Local Ground Offset Adjust...................................................... 28
Applications Information .............................................................. 29
Typical Operating Circuit ......................................................... 29
Layout Guidelines........................................................................... 30
Galvanically Isolated Interface ................................................. 30
Microprocessor Interfacing....................................................... 30
Evaluation Board ........................................................................ 32
Outline Dimensions ....................................................................... 33
Ordering Guide .......................................................................... 33
REVISION HISTORY
Preliminary Revision PrA December 10, 2007


Similar Part No. - ADR425

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR425 AD-ADR425 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR425 AD-ADR425 Datasheet
541Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC
Rev. F
ADR425 AD-ADR425 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
ADR425 AD-ADR425 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
ADR425 AD-ADR425 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
More results

Similar Description - ADR425

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5762R AD-AD5762R_16 Datasheet
704Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
AD5762R AD-AD5762R_08 Datasheet
709Kb / 32P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5763 AD-AD5763 Datasheet
300Kb / 31P
   Complete Dual, 16-Bit, High Accuracy, Serial Input, 짹5V DACs
Rev. PrA
AD5764ASUZ AD-AD5764ASUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764R AD-AD5764R_08 Datasheet
768Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. 0
AD5764R AD-AD5764R Datasheet
1Mb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrA
AD5764R AD-AD5764R_15 Datasheet
558Kb / 32P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
REV. D
AD5764CSUZ AD-AD5764CSUZ Datasheet
529Kb / 28P
   Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. F
AD5764 AD-AD5764 Datasheet
266Kb / 27P
   Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
Rev. PrC 21-Oct-0
AD5752 AD-AD5752_15 Datasheet
1Mb / 32P
   Complete, Dual, 12-/14-/16-Bit, Serial Input, Unipolar/Bipolar, Voltage Output DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com