Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LK112SXX39 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LK112SXX39
Description  Low noise low drop voltage regulator with shutdown function
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LK112SXX39 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LK112SXX39 Datasheet HTML 3Page - STMicroelectronics LK112SXX39 Datasheet HTML 4Page - STMicroelectronics LK112SXX39 Datasheet HTML 5Page - STMicroelectronics LK112SXX39 Datasheet HTML 6Page - STMicroelectronics LK112SXX39 Datasheet HTML 7Page - STMicroelectronics LK112SXX39 Datasheet HTML 8Page - STMicroelectronics LK112SXX39 Datasheet HTML 9Page - STMicroelectronics LK112SXX39 Datasheet HTML 10Page - STMicroelectronics LK112SXX39 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LK112Sxx
Typical characteristics
7/18
5
Typical characteristics
(Unless otherwise specified, TJ = 25 °C, CI = 1 µF, CO = 2.2 µF, CBYP = 100 nF)
Figure 3.
Output voltage vs temperature
Figure 4.
Output voltage vs temperature
Figure 5.
Line regulation vs temperature
Figure 6.
Load regulation vs temperature
Figure 7.
Dropout voltage vs temperature
Figure 8.
Short circuit current vs dropout
voltage


Similar Part No. - LK112SXX39

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LK112SXX39 STMICROELECTRONICS-LK112SXX39 Datasheet
404Kb / 17P
   Low noise low drop voltage regulator with shutdown function
More results

Similar Description - LK112SXX39

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LK112SXX STMICROELECTRONICS-LK112SXX_08 Datasheet
404Kb / 17P
   Low noise low drop voltage regulator with shutdown function
LK112 STMICROELECTRONICS-LK112 Datasheet
413Kb / 12P
   LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
LK112S STMICROELECTRONICS-LK112S Datasheet
427Kb / 11P
   LOW NOISE LOW DROP VOLTAGE REGULATOR WITH SHUTDOWN FUNCTION
LK112XX STMICROELECTRONICS-LK112XX Datasheet
407Kb / 17P
   Low noise low drop voltage regulator with shutdown function
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2945 SIPEX-SPX2945 Datasheet
214Kb / 11P
   500mA Low Drop Out Voltage Regulator with Shutdown
SPX2955 SIPEX-SPX2955 Datasheet
184Kb / 9P
   350mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
175Kb / 7P
   400mA Low Drop Out Voltage Regulator with Shutdown
logo
Unisonic Technologies
LD1985 UTC-LD1985_V01 Datasheet
459Kb / 9P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP.COMPATIBLE, WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com