Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2254MFKB Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV2254MFKB
Description  Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER POERATIONAL AMPLIFIERS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2254MFKB Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2254MFKB Datasheet HTML 6Page - Texas Instruments TLV2254MFKB Datasheet HTML 7Page - Texas Instruments TLV2254MFKB Datasheet HTML 8Page - Texas Instruments TLV2254MFKB Datasheet HTML 9Page - Texas Instruments TLV2254MFKB Datasheet HTML 10Page - Texas Instruments TLV2254MFKB Datasheet HTML 11Page - Texas Instruments TLV2254MFKB Datasheet HTML 12Page - Texas Instruments TLV2254MFKB Datasheet HTML 13Page - Texas Instruments TLV2254MFKB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
TLV225x, TLV225xA
Advanced LinCMOS RAILTORAIL
VERY LOW POWER OPERATIONAL AMPLIFIERS
SLOS185D − FEBRUARY 1997 − REVISED AUGUST 2006
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLV2254I electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TA†
TLV2254I
TLV2254AI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
200
1500
200
850
µV
VIO
Input offset voltage
Full range
1750
1000
µV
αVIO
Temperature
coefficient of input
25
°C
0.5
0.5
µV/°C
αVIO
coefficient of input
offset voltage
25 C
to 85
°C
0.5
0.5
µV/°C
Input offset voltage
long-term drift
(see Note 4)
VDD ± = ±1.5 V, VIC = 0,
25
°C
0.003
0.003
µV/mo
VDD ± = ±1.5 V,
VO = 0,
VIC = 0,
RS = 50 Ω
25
°C
0.5
60
0.5
60
IIO
Input offset current
VO = 0,
RS = 50 Ω
−40
°C
to 85
°C
150
150
pA
Full range
1000
1000
25
°C
1
60
1
60
IIB
Input bias current
−40
°C
to 85
°C
150
150
pA
Full range
1000
1000
25
°C
0
− 0.3
0
− 0.3
VICR
Common-mode input
RS = 50 Ω,
|VIO |≤5 mV
25
°C
0
to 2
− 0.3
to 2.2
0
to 2
− 0.3
to 2.2
V
VICR
Common-mode input
voltage range
RS = 50 Ω,
|VIO | ≤5 mV
Full range
0
0
V
voltage range
Full range
0
to 1.7
0
to 1.7
IOH = − 20 µA
25
°C
2.98
2.98
VOH
High-level output
IOH = − 75 µA
25
°C
2.9
2.9
V
VOH
High-level output
voltage
IOH = − 75 µA
Full range
2.8
2.8
V
voltage
IOH = − 150 µA
25
°C
2.8
2.8
VIC = 1.5 V,
IOL = 50 µA
25
°C
10
10
VIC = 1.5 V,
IOL = 50 µA
Full range
80
80
VOL
Low-level output
VIC = 1.5 V,
IOL = 500 µA
25
°C
100
100
mV
VOL
Low-level output
voltage
VIC = 1.5 V,
IOL = 500 µA
Full range
150
150
mV
voltage
VIC = 1.5 V,
IOL = 1 mA
25
°C
200
200
VIC = 1.5 V,
IOL = 1 mA
Full range
300
300
Large-signal
VIC = 1.5 V,
RL = 100 kه
25
°C
100
225
100
225
AVD
Large-signal
differential voltage
VIC = 1.5 V,
VO = 1 V to 2 V
RL = 100 kه
Full range
10
10
V/mV
AVD
differential voltage
amplification
VO = 1 V to 2 V
RL = 1 Mه
25
°C
800
800
V/mV
ri(d)
Differential input
resistance
25
°C
1012
1012
ri(c)
Common-mode input
resistance
25
°C
1012
1012
ci(c)
Common-mode input
capacitance
f = 10 kHz,
N package
25
°C
8
8
pF
zo
Closed-loop output
impedance
f = 25 kHz,
AV = 10
25
°C
220
220
CMRR
Common-mode
VIC = 0 to 1.7 V, VO = 1.5 V,
25
°C
65
75
65
77
dB
CMRR
Common-mode
rejection ratio
VIC = 0 to 1.7 V,
RS = 50 Ω
VO = 1.5 V,
Full range
60
60
dB
† Full range is − 40°C to 125°C.
‡ Referenced to 1.5 V
NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.


Similar Part No. - TLV2254MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2254MFKB TI-TLV2254MFKB Datasheet
1Mb / 53P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2254MFKB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC225X-EP TI1-TLC225X-EP_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2252-EP TI1-TLC2252-EP Datasheet
999Kb / 38P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV225X-Q1 TI1-TLV225X-Q1 Datasheet
735Kb / 37P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV255X TI-TLV255X Datasheet
1Mb / 53P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV2252-Q1 TI1-TLV2252-Q1 Datasheet
695Kb / 36P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_07 Datasheet
1Mb / 73P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_08 Datasheet
1Mb / 74P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X-Q1 TI-TLC225X-Q1 Datasheet
706Kb / 35P
[Old version datasheet]   advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI1-TLC225X_16 Datasheet
2Mb / 72P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_01 Datasheet
1Mb / 71P
[Old version datasheet]   Advanced LinCMOS TM RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com