Electronic Components Datasheet Search |
|
XC6211E091PL Datasheet(PDF) 6 Page - Torex Semiconductor |
|
XC6211E091PL Datasheet(HTML) 6 Page - Torex Semiconductor |
6 / 23 page 6/23 XC6219/6211 Series SYMBOL E-1 E-2 INPUT VOLTAGE (V) MAX. OUTPUT CURRENT (mA) CONDITION, RATINGS SETTING VOLTAGE (V) VIN IOUTMAX (MIN.) VOUT(T)<1.75V VOUT(T)+2.0V 150 VOUT(T)>1.8V VOUT(T)+1.0V 240 SYMBOL E-1 E-2 INPUT VOLTAGE (V) MAX. OUTPUT CURRENT (mA) CONDITION, RATINGS SETTING VOLTAGE (V) VIN IOUTMAX (MIN.) 0.90 ~ 1.05 2.5 260 1.10 ~ 1.15 2.6 270 1.20 ~ 1.25 2.7 290 1.30 ~ 1.35 2.8 1.40 ~ 1.45 2.9 1.50 ~ 1.95 3.0 2.00 ~ 6.00 VOUT(T)+1.0V 300 E-3 E-4 SYMBOL Vdif1 Vdif2 PARAMETER OUTPUT VOLTAGE MIN. TYP. MAX. MIN. TYP. MAX. 0.9 1100 1100 1110 1100 1150 1200 1.50 500 500 510 500 550 600 1.80 ~ 1.85 200 200 210 200 300 400 1.90 ~ 1.95 100 120 150 100 280 380 2.00 ~ 2.05 - 80 120 - 240 350 2.10 ~ 2.25 - 80 120 - 240 330 2.30 ~ 2.45 - 80 120 - 240 310 2.50 ~ 2.75 - 70 100 - 220 290 2.80 ~ 2.95 - 70 100 - 220 270 3.00 ~ 3.05 - 60 90 - 200 270 3.10 ~ 3.95 - 60 90 - 200 250 4.00 ~ 4.95 - 60 80 - 180 230 5.00 - 50 70 - 160 210 ● Dropout Voltage Chart * The input voltage 2.0V (MIN.) is needed to operate the IC series. When the output voltage is less than 2.0V, 2.0V-VOUT(T) of dropout voltage is needed at minimum. ■ ELECTRICAL CHARACTERISTICS (Continued) ● Maximum Output Current, Input Voltage Chart XC6219/6211A~D series XC6219/6211E~H series |
Similar Part No. - XC6211E091PL |
|
Similar Description - XC6211E091PL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |