Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC14 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74VHC14
Description  HEX SCHMITT INVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC14 Datasheet(HTML) 4 Page - STMicroelectronics

  74VHC14 Datasheet HTML 1Page - STMicroelectronics 74VHC14 Datasheet HTML 2Page - STMicroelectronics 74VHC14 Datasheet HTML 3Page - STMicroelectronics 74VHC14 Datasheet HTML 4Page - STMicroelectronics 74VHC14 Datasheet HTML 5Page - STMicroelectronics 74VHC14 Datasheet HTML 6Page - STMicroelectronics 74VHC14 Datasheet HTML 7Page - STMicroelectronics 74VHC14 Datasheet HTML 8Page - STMicroelectronics 74VHC14 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
74VHC14
4/11
Table 8: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/6 (per gate)
Table 9: Dynamic Switching Characteristics
1) Worst case package.
2) Max number of outputs defined as (n). Data inputs are driven 0V to 5.0V, (n-1) outputs switching and one output at GND.
3) Max number of data inputs (n) switching. (n-1) switching 0V to 5.0V. Inputs under test switching: 5.0V to threshold (VILD), 0V to threshold
(VIHD), f=1MHz.
Figure 3: Test Circuit
CL =15/50pF or equivalent (includes jig and probe capacitance)
RT = ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
610
10
10
pF
CPD
Power Dissipation
Capacitance
(note 1)
14
pF
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VOLP
Dynamic Low
Voltage Quiet
Output (note 1, 2)
5.0
CL = 50 pF
0.3
0.8
V
VOLV
-0.8
-0.3
VIHD
Dynamic High
Voltage Input
(note 1, 3)
5.0
3.5
V
VILD
Dynamic Low
Voltage Input
(note 1, 3)
5.0
1.5
V


Similar Part No. - 74VHC14

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14 Datasheet
75Kb / 8P
   Hex Schmitt Inverter
logo
National Semiconductor ...
74VHC14 NSC-74VHC14 Datasheet
138Kb / 6P
   Hex Schmitt Inverter
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14 Datasheet
78Kb / 6P
   Hex Schmitt Inverter
logo
STMicroelectronics
74VHC14 STMICROELECTRONICS-74VHC14 Datasheet
244Kb / 15P
   HEX SCHMITT inverter
logo
ON Semiconductor
74VHC14 ONSEMI-74VHC14 Datasheet
905Kb / 5P
   Hex Schmitt Inverter
August-2017, Rev. 2
More results

Similar Description - 74VHC14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC74VHCT14AF TOSHIBA-TC74VHCT14AF Datasheet
211Kb / 5P
   HEX SCHMITT INVERTER
TC74VHC14F TOSHIBA-TC74VHC14F_07 Datasheet
255Kb / 9P
   Hex Schmitt Inverter
logo
STMicroelectronics
M74HC14 STMICROELECTRONICS-M74HC14_08 Datasheet
320Kb / 14P
   Hex Schmitt inverter
logo
ON Semiconductor
74VHCT14A ONSEMI-74VHCT14A Datasheet
223Kb / 8P
   Hex Schmitt Inverter
December 2007 Rev. 1.5.0
MC74VHC14 ONSEMI-MC74VHC14_11 Datasheet
124Kb / 7P
   Hex Schmitt Inverter
May, 2011 ??Rev. 10
logo
Toshiba Semiconductor
TC74LVX14F TOSHIBA-TC74LVX14F Datasheet
242Kb / 7P
   HEX SCHMITT INVERTER
logo
STMicroelectronics
74AC14 STMICROELECTRONICS-74AC14 Datasheet
174Kb / 7P
   HEX SCHMITT INVERTER
74ACT14 STMICROELECTRONICS-74ACT14_01 Datasheet
178Kb / 8P
   HEX SCHMITT INVERTER
logo
Fairchild Semiconductor
74VHC14 FAIRCHILD-74VHC14_99 Datasheet
78Kb / 6P
   Hex Schmitt Inverter
logo
Toshiba Semiconductor
TC74AC14F TOSHIBA-TC74AC14F Datasheet
255Kb / 6P
   HEX SCHMITT INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com