Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7363 Datasheet(PDF) 4 Page - IC MICROSYSTEMS

Part # ICM7363
Description  QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7363 Datasheet(HTML) 4 Page - IC MICROSYSTEMS

  ICM7363 Datasheet HTML 1Page - IC MICROSYSTEMS ICM7363 Datasheet HTML 2Page - IC MICROSYSTEMS ICM7363 Datasheet HTML 3Page - IC MICROSYSTEMS ICM7363 Datasheet HTML 4Page - IC MICROSYSTEMS ICM7363 Datasheet HTML 5Page - IC MICROSYSTEMS ICM7363 Datasheet HTML 6Page - IC MICROSYSTEMS ICM7363 Datasheet HTML 7Page - IC MICROSYSTEMS ICM7363 Datasheet HTML 8Page - IC MICROSYSTEMS ICM7363 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ICM7363/7343/7323
QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
Rev. A8
ICmic reserves the right to change the specifications without prior notice.
4
IC MICROSYSTEMS
ICmic
AC ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 5.5V, VREF IN = 1.25V ; VOUT unloaded; all specifications TMIN to TMAX unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
SR
Slew Rate
2
V/µs
Settling Time
Full-scale settling
8
µs
Mid-scale Transition Glitch
Energy
40
nV-S
Note 1:
Linearity is defined from code 64 to 4095 (ICM7363)
Linearity is defined from code 16 to 1023 (ICM7343)
Linearity is defined from code 4 to 255 (ICM7323)
Note 2:
Guaranteed by design; not tested in production
Note 3:
See Applications Information
Note 4:
All digital inputs are either at GND or Vdd
TIMING CHARACTERISTICS
(VDD = 2.7V to 5.5V; all specifications TMIN to TMAX unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
t1
SCK Cycle Time
(Note 2)
30
ns
t2
Data Setup Time
(Note 2)
10
ns
t3
Data Hold Time
(Note 2)
10
ns
t4
SCK Falling edge to CS
Rising Edge
(Note 2)
0
ns
t5
CS Falling Edge to SCK
Rising Edge
(Note 2)
15
ns
t6
CS Pulse Width
(Note 2)
20
ns
t7
CLR Pulse Width
(Note 2)
20
ns
t8
SDO Delay
(Note 2)
100
ns


Similar Part No. - ICM7363

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7361 ICMIC-ICM7361 Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7361M ICMIC-ICM7361M Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7361MG ICMIC-ICM7361MG Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7361S ICMIC-ICM7361S Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7361SG ICMIC-ICM7361SG Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results

Similar Description - ICM7363

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5580 MAXIM-MAX5580_07 Datasheet
1,001Kb / 36P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7361 ICMIC-ICM7361 Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7620 ICMIC-ICM7620 Datasheet
222Kb / 12P
   12/10/8-Bit Low Power Voltage Output Quad DACs With Parallel Interface
logo
Analog Devices
LTC2635 AD-LTC2635 Datasheet
736Kb / 32P
   Quad 12-/10-/8-Bit I2C DACs Reference
logo
IC MICROSYSTEMS
ICM7377B ICMIC-ICM7377B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
logo
Analog Devices
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
ADT7318 AD-ADT7318_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
logo
IC MICROSYSTEMS
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com