Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7372 Datasheet(PDF) 7 Page - IC MICROSYSTEMS

Part # ICM7372
Description  DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS with Serial Interface and Adjustable Output Offset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7372 Datasheet(HTML) 7 Page - IC MICROSYSTEMS

Back Button ICM7372 Datasheet HTML 3Page - IC MICROSYSTEMS ICM7372 Datasheet HTML 4Page - IC MICROSYSTEMS ICM7372 Datasheet HTML 5Page - IC MICROSYSTEMS ICM7372 Datasheet HTML 6Page - IC MICROSYSTEMS ICM7372 Datasheet HTML 7Page - IC MICROSYSTEMS ICM7372 Datasheet HTML 8Page - IC MICROSYSTEMS ICM7372 Datasheet HTML 9Page - IC MICROSYSTEMS ICM7372 Datasheet HTML 10Page - IC MICROSYSTEMS ICM7372 Datasheet HTML 11Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ICM7372/7352/7332
DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
with Serial Interface and Adjustable Output Offset
Rev. A10
ICmic reserves the right to change the specifications without prior notice.
7
IC MICROSYSTEMS
ICmic
CONTENTS OF INPUT SHIFT REGISTER
ICM7372 (12-Bit DAC)
MSB
LSB
C3
C2
C1
C0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
CONTROL WORD
DATA WORD
Figure 3. Contents of ICM7372 Input Shift Register
ICM7352 (10-Bit DAC)
MSB
LSB
C3
C2
C1
C0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
CONTROL WORD
DATA WORD
X
X
Figure 4. Contents of ICM7352 Input Shift Register
ICM7332 (8-Bit DAC)
MSB
LSB
C3
C2
C1
C0
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
CONTROL WORD
DATA WORD
X
X
X
X
Figure 5. Contents of ICM7332 Input Shift Register
C3
C2
C1
C0
DATA (D11 – D0)
FUNCTION
0
0
0
0
Data
Load Input Latch DAC A
0
0
0
1
Data
Update DAC A
0
0
1
0
Data
Load Input Latch and Update DAC A
0
0
1
1
Data
Load Input Latch DAC B
0
1
0
0
Data
Update DAC B
0
1
0
1
Data
Load Input Latch and Update DAC B
0
1
1
0
X
No Operation
0
1
1
1
X
No Operation
1
0
0
0
X
No Operation
1
0
0
1
X
No Operation
1
0
1
0
X
No Operation
1
0
1
1
X
No Operation
1
1
0
0
Data
Load Input Latch All DACs
1
1
0
1
Data
Update DAC All DACs
1
1
1
0
Data
Load Input Latch and Update All DACs
1
1
1
1
X
No Operation
Table 1. Serial Interface Input Word


Similar Part No. - ICM7372

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7373 ICMIC-ICM7373 Datasheet
121Kb / 11P
   Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
ICM7373Q ICMIC-ICM7373Q Datasheet
121Kb / 11P
   Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
ICM7373QG ICMIC-ICM7373QG Datasheet
121Kb / 11P
   Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
ICM7377B ICMIC-ICM7377B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
ICM7377BQ ICMIC-ICM7377BQ Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
More results

Similar Description - ICM7372

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7373 ICMIC-ICM7373 Datasheet
121Kb / 11P
   Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
ICM7377B ICMIC-ICM7377B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
ICM7562 ICMIC-ICM7562 Datasheet
186Kb / 10P
   12/10/8-Bit Low Power Dual DACs With Serial Interface and Voltage Output
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Maxim Integrated Produc...
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5158 MAXIM-MAX5158 Datasheet
181Kb / 16P
   Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX536 MAXIM-MAX536_11 Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
logo
Analog Devices
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
logo
Maxim Integrated Produc...
MAX536 MAXIM-MAX536 Datasheet
361Kb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 2a; 1/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com