Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7323 Datasheet(PDF) 5 Page - IC MICROSYSTEMS

Part # ICM7323
Description  QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7323 Datasheet(HTML) 5 Page - IC MICROSYSTEMS

  ICM7323 Datasheet HTML 1Page - IC MICROSYSTEMS ICM7323 Datasheet HTML 2Page - IC MICROSYSTEMS ICM7323 Datasheet HTML 3Page - IC MICROSYSTEMS ICM7323 Datasheet HTML 4Page - IC MICROSYSTEMS ICM7323 Datasheet HTML 5Page - IC MICROSYSTEMS ICM7323 Datasheet HTML 6Page - IC MICROSYSTEMS ICM7323 Datasheet HTML 7Page - IC MICROSYSTEMS ICM7323 Datasheet HTML 8Page - IC MICROSYSTEMS ICM7323 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ICM7363/7343/7323
QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
Rev. A8
ICmic reserves the right to change the specifications without prior notice.
5
IC MICROSYSTEMS
ICmic
Figure 1: Serial Interface Timing Diagram
CONTENTS OF INPUT SHIFT REGISTER
ICM7363 (12-Bit DAC)
MSB
LSB
C3
C2
C1
C0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Figure 2: Contents of ICM7363 Input Shift Register
ICM7343 (10-Bit DAC)
MSB
LSB
C3
C2
C1
C0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
Figure 3: Contents of ICM7343 Input Shift Register
ICM7323 (8-Bit DAC)
MSB
LSB
C3
C2
C1
C0
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
Figure 4: Contents of ICM7323 Input Shift Register
t2
t8
t6
t4
t3
LSB
C2
C3
C2
C3
SCK
SDI
CS
SDO
Input Word for DAC N
Input Word for DAC N
t5
t1


Similar Part No. - ICM7323

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7321 ICMIC-ICM7321 Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7321M ICMIC-ICM7321M Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7321MG ICMIC-ICM7321MG Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7321S ICMIC-ICM7321S Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7321SG ICMIC-ICM7321SG Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results

Similar Description - ICM7323

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5580 MAXIM-MAX5580_07 Datasheet
1,001Kb / 36P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7361 ICMIC-ICM7361 Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7620 ICMIC-ICM7620 Datasheet
222Kb / 12P
   12/10/8-Bit Low Power Voltage Output Quad DACs With Parallel Interface
logo
Analog Devices
LTC2635 AD-LTC2635 Datasheet
736Kb / 32P
   Quad 12-/10-/8-Bit I2C DACs Reference
logo
IC MICROSYSTEMS
ICM7377B ICMIC-ICM7377B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
logo
Analog Devices
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
ADT7318 AD-ADT7318_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
logo
IC MICROSYSTEMS
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com