Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7352 Datasheet(PDF) 8 Page - IC MICROSYSTEMS

Part # ICM7352
Description  DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS with Serial Interface and Adjustable Output Offset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7352 Datasheet(HTML) 8 Page - IC MICROSYSTEMS

Back Button ICM7352 Datasheet HTML 3Page - IC MICROSYSTEMS ICM7352 Datasheet HTML 4Page - IC MICROSYSTEMS ICM7352 Datasheet HTML 5Page - IC MICROSYSTEMS ICM7352 Datasheet HTML 6Page - IC MICROSYSTEMS ICM7352 Datasheet HTML 7Page - IC MICROSYSTEMS ICM7352 Datasheet HTML 8Page - IC MICROSYSTEMS ICM7352 Datasheet HTML 9Page - IC MICROSYSTEMS ICM7352 Datasheet HTML 10Page - IC MICROSYSTEMS ICM7352 Datasheet HTML 11Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ICM7372/7352/7332
DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
with Serial Interface and Adjustable Output Offset
Rev. A10
ICmic reserves the right to change the specifications without prior notice.
8
IC MICROSYSTEMS
ICmic
DETAILED DESCRIPTION
The ICM7372 is a 12-bit voltage output dual DAC. The
ICM7352 is the 10-bit version of this family and the
ICM7332 is the 8-bit version. These devices have a 16-bit
data-in/data-out shift register and double buffered input.
The amplifier’s offset adjustment pins allow for a DC shift
in the DAC’s output.
This family of DACs employs a resistor string architecture
guaranteeing monotonic behavior. There is a 1.25V
onboard reference and an operating supply range of 2.7V
to 5.5V.
Reference Input
Each DAC has its own reference input pin which can be
driven from ground to VDD -1.5V. Determine the output
voltage
using
the
following
equation
when
output
adjustment pin, OSA or OSB is connected to ground 0V.
VOUT = 2 x (VREF x (D / (2
n)))
Where D is the numeric value of DAC’s decimal input
code, VREF is the reference voltage and n is number of
bits, i.e. 12 for ICM7372, 10 for ICM7352 and 8 for
ICM7332.
Reference Output
The reference output is nominally 1.25V and is brought out
to a separate pin and can be used to drive external loads.
The outputs will nominally swing from 0 to 2.5V when
using this reference.
Output Amplifier
The Dual DAC has 2 output amplifiers with a wide output
voltage swing. The actual swing of the output amplifiers
will be limited by offset error and gain error. See the
Applications Information Section for a more detailed
discussion.
The offset adjustment pins, either OSA or OSB can be
used to produce an adjustable offset voltage at the output.
For instance, to achieve a 1V offset, apply -1V to the offset
adjustment pin to produce an output range from 1V to (1V
+ VREF x 2). Note that the DAC’s output range is still
limited by offset error and gain error. See the Applications
Information Section for a more detailed discussion.
The output amplifier can drive a load of 2.0 k
to VDD or
GND in parallel with a 500 pF load capacitance.
The output amplifier has a full-scale typical settling time of
8 µs and it dissipates about 100 µA with a 3V supply
voltage.
Serial Interface and Input Logic
This dual DAC family uses a standard 3-wire connection
compatible with SPI/QSPI and Microwire interfaces. Data
is loaded in 16-bit words which consist of 4 address and
control bits (MSBs) followed by 12 bits of data (see table
1). The ICM7352 has the last 2 LSBs as don’t care and the
ICM7332 has the last 4 LSBs as don’t care. The DAC is
double buffered with an input latch and a DAC latch.
Serial Data Input
SDI (Serial Data Input) pin is the data input pin for all
DACs. Data is clocked in on the rising edge of SCK which
has a Schmitt trigger internally to allow for noise immunity
on the SCK pin. This specially eases the use for opto-
coupled interfaces.
The Chip Select pin which is the 6
th pin of 16 QSOP
package is active low. This pin must be low when data is
being clocked into the part. After the 16
th clock pulse the
Chip Select pin must be pulled high (level-triggered) for
the data to be transferred to an input bank of latches. This
pin also disables the SCK pin internally when pulled high
and the SCK pin must be low before this pin is pulled back
low. As the Chip Select pin is pulled high the shift register
contents are transferred to a bank of 16 latches (see
Figure 2.). The 4 bit control word (C3~C0) is then decoded
and the DAC is updated or loaded depending on the
control word (see Table 1).
The DAC has a double-buffered input with an input latch
and a DAC latch. The DAC output will swing to its new
value when data is loaded into the DAC latch. The user
has three options: loading only the input latch, updating
the DAC with data previously loaded into the input latch or
loading the input latch and updating the DAC at the same
time with a new code.
Serial Data Output
SDO (Serial Data Output) is the internal shift register’s
output. This pin can be used as the data output pin for
Daisy-Chaining and data readback. It is compatible with
SPI/QSPI and Microwire interfaces.
Power-On Reset
There is a power-on reset on board that will clear the
contents of all the latches to all 0s on power-up and the
DAC voltage output will go to ground.
APPLICATIONS INFORMATION
Power Supply Bypassing and Layout
Considerations
As in any precision circuit, careful consideration has to be
given to layout of the supply and ground. The return path
from the GND to the supply ground should be short with
low impedance. Using a ground plane would be ideal. The
supply should have some bypassing on it. A 10 µF
tantalum capacitor in parallel with a 0.1 µF ceramic with a
low ESR can be used. Ideally these would be placed as
close as possible to the device. Avoid crossing digital and
analog signals, specially the reference, or running them
close to each other.
Output Swing Limitations
The ideal rail-to-rail DAC would swing from GND to VDD.
However, offset and gain error limit this ability. Figure 6
illustrates how a negative offset error will affect the output.
The output will limit close to ground since this is single
supply part, resulting in a dead-band area. As a larger
input is loaded into the DAC the output will eventually rise
above ground. This is why the linearity is specified for a
starting code greater than zero.
Figure 7 illustrates how a gain error or positive offset error
will affect the output when it is close to VDD. A positive
gain error or positive offset will cause the output to be
limited to the positive supply voltage resulting in a dead-
band of codes close to full-scale.


Similar Part No. - ICM7352

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7353 ICMIC-ICM7353 Datasheet
121Kb / 11P
   Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
ICM7353Q ICMIC-ICM7353Q Datasheet
121Kb / 11P
   Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
ICM7353QG ICMIC-ICM7353QG Datasheet
121Kb / 11P
   Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
ICM7357B ICMIC-ICM7357B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
ICM7357BQ ICMIC-ICM7357BQ Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
More results

Similar Description - ICM7352

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7373 ICMIC-ICM7373 Datasheet
121Kb / 11P
   Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
ICM7377B ICMIC-ICM7377B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
ICM7562 ICMIC-ICM7562 Datasheet
186Kb / 10P
   12/10/8-Bit Low Power Dual DACs With Serial Interface and Voltage Output
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Maxim Integrated Produc...
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5158 MAXIM-MAX5158 Datasheet
181Kb / 16P
   Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX536 MAXIM-MAX536_11 Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
logo
Analog Devices
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
logo
Maxim Integrated Produc...
MAX536 MAXIM-MAX536 Datasheet
361Kb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 2a; 1/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com