Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7343QG Datasheet(PDF) 1 Page - IC MICROSYSTEMS

Part # ICM7343QG
Description  QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7343QG Datasheet(HTML) 1 Page - IC MICROSYSTEMS

  ICM7343QG Datasheet HTML 1Page - IC MICROSYSTEMS ICM7343QG Datasheet HTML 2Page - IC MICROSYSTEMS ICM7343QG Datasheet HTML 3Page - IC MICROSYSTEMS ICM7343QG Datasheet HTML 4Page - IC MICROSYSTEMS ICM7343QG Datasheet HTML 5Page - IC MICROSYSTEMS ICM7343QG Datasheet HTML 6Page - IC MICROSYSTEMS ICM7343QG Datasheet HTML 7Page - IC MICROSYSTEMS ICM7343QG Datasheet HTML 8Page - IC MICROSYSTEMS ICM7343QG Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ICM7363/7343/7323
QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
Rev. A8
ICmic reserves the right to change the specifications without prior notice.
1
IC MICROSYSTEMS
ICmic
FEATURES
12/10/8-Bit Monotonic Quad DACs in 16 lead
QSOP Package
Wide Output Voltage Swing
150 µA per DAC at 5V Supply
100 µA per DAC at 3V Supply
On Board Reference
Three-wire SPI Interface
Serial Data Out for Daisy-Chaining
8µs Full-Scale Settling Time
APPLICATIONS
Battery-Powered Applications
Industrial Process Control
Digital Gain and Offset Adjustment
OVERVIEW
The ICM7363, ICM7343 and ICM7323 are Quad 12-Bit,
10-Bit and 8-Bit wide output voltage swing DACs
respectively, with guaranteed monotonic behavior. They
include a 1.25V reference for ease of use and flexibility.
The reference output is available on a separate pin and
can be used to drive the reference input of each DAC.
Alternately, each DAC can be driven by an external
reference. There is a wide operating supply range of 2.7V
to 5.5V.
The input interface is an easy to use three-wire SPI/QSPI
compatible interface. Each DAC can be individually
controlled and has a double buffered digital input. There is
a
serial
data
output
to
allow
for
daisy-chaining
applications.
BLOCK DIAGRAM
x2
Input Control Logic, Registers and Latches
ICM 7363/7343/7323
x2
x2
12/10/8 -Bit
DAC B
x2
12/10/8 -Bit
DAC A
Reference
Input and
DAC Latch
12/10/8 -Bit
DAC C
12/10/8 -Bit
DAC D
Input and
DAC Latch
Input and
DAC Latch
Input and
DAC Latch
REFOUT
Power-On-
Reset
SDI
VOUT B
VOUT C
VOUT D
SDO
GND
VDD
REFD
REFC
REFB
REFA
CLR
CS
SCK
VOUT A


Similar Part No. - ICM7343QG

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7341 ICMIC-ICM7341 Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7341M ICMIC-ICM7341M Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7341MG ICMIC-ICM7341MG Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7341S ICMIC-ICM7341S Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7341SG ICMIC-ICM7341SG Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results

Similar Description - ICM7343QG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5580 MAXIM-MAX5580_07 Datasheet
1,001Kb / 36P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7361 ICMIC-ICM7361 Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7620 ICMIC-ICM7620 Datasheet
222Kb / 12P
   12/10/8-Bit Low Power Voltage Output Quad DACs With Parallel Interface
logo
Analog Devices
LTC2635 AD-LTC2635 Datasheet
736Kb / 32P
   Quad 12-/10-/8-Bit I2C DACs Reference
logo
IC MICROSYSTEMS
ICM7377B ICMIC-ICM7377B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
logo
Analog Devices
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
ADT7318 AD-ADT7318_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
logo
IC MICROSYSTEMS
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com