Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7323QG Datasheet(PDF) 3 Page - IC MICROSYSTEMS

Part # ICM7323QG
Description  QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7323QG Datasheet(HTML) 3 Page - IC MICROSYSTEMS

  ICM7323QG Datasheet HTML 1Page - IC MICROSYSTEMS ICM7323QG Datasheet HTML 2Page - IC MICROSYSTEMS ICM7323QG Datasheet HTML 3Page - IC MICROSYSTEMS ICM7323QG Datasheet HTML 4Page - IC MICROSYSTEMS ICM7323QG Datasheet HTML 5Page - IC MICROSYSTEMS ICM7323QG Datasheet HTML 6Page - IC MICROSYSTEMS ICM7323QG Datasheet HTML 7Page - IC MICROSYSTEMS ICM7323QG Datasheet HTML 8Page - IC MICROSYSTEMS ICM7323QG Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ICM7363/7343/7323
QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
Rev. A8
ICmic reserves the right to change the specifications without prior notice.
3
IC MICROSYSTEMS
ICmic
TSOL
Soldering Temperature
300
oC
Note: Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
ORDERING INFORMATION
Part
Temperature Range
Package
ICM7363
-40
oC to 85 oC
16-Pin QSOP
ICM7343
-40
oC to 85 oC
16-Pin QSOP
ICM7323
-40
oC to 85 oC
16-Pin QSOP
DC ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 5.5V, VREF IN = 1.25V ; VOUT unloaded; all specifications TMIN to TMAX unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
DC PERFORMANCE
ICM7363
N
Resolution
12
Bits
DNL
Differential Nonlinearity
(Notes 1 & 3)
0.4
+1.0
LSB
INL
Integral Nonlinearity
(Notes 1 & 3)
4.0
+12.0
LSB
ICM7343
N
Resolution
10
Bits
DNL
Differential Nonlinearity
(Notes 1 & 3)
0.1
+1.0
LSB
INL
Integral Nonlinearity
(Notes 1 & 3)
1.0
+3.0
LSB
ICM7323
N
Resolution
8
Bits
DNL
Differential Nonlinearity
(Notes 1 & 3)
0.05
+1.0
LSB
INL
Integral Nonlinearity
(Notes 1 & 3)
0.25
+0.75
LSB
GE
Gain Error
+0.5
% of FS
OE
Offset Error
+25
mV
POWER REQUIREMENTS
VDD
Supply Voltage
2.7
5.5
V
IDD
Supply Current
(Note 4)
1.2
2.5
mA
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Output Voltage Range
(Note 3)
0
VDD
V
VOSC
Short Circuit Current
60
150
mA
ROUT
Amp Output Impedance
At Mid-scale
At Zero-scale
1.0
100
5.0
200
Output Line Regulation
Vdd=2.7 to 5.5 V
0.4
3.0
mV/V
LOGIC INPUTS
VIH
Digital Input High
(Note 2)
2.4
V
VIL
Digital Input Low
(Note 2)
0.8
V
Digital Input Leakage
5
µΑ
REFERENCE
RIN
Reference Input Resistance
25
41
65
kΩ
Reference Input Range
(Note 2)
0.5
VDD -1.5
V
VREFOUT
Reference Output
1.2
1.25
1.3
V
Reference Output Line
Regulation
Vdd=2.7 to 5.5 V
0.8
4.0
mV/V


Similar Part No. - ICM7323QG

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7321 ICMIC-ICM7321 Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7321M ICMIC-ICM7321M Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7321MG ICMIC-ICM7321MG Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7321S ICMIC-ICM7321S Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7321SG ICMIC-ICM7321SG Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results

Similar Description - ICM7323QG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5580 MAXIM-MAX5580_07 Datasheet
1,001Kb / 36P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7361 ICMIC-ICM7361 Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7620 ICMIC-ICM7620 Datasheet
222Kb / 12P
   12/10/8-Bit Low Power Voltage Output Quad DACs With Parallel Interface
logo
Analog Devices
LTC2635 AD-LTC2635 Datasheet
736Kb / 32P
   Quad 12-/10-/8-Bit I2C DACs Reference
logo
IC MICROSYSTEMS
ICM7377B ICMIC-ICM7377B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
logo
Analog Devices
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
ADT7318 AD-ADT7318_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
logo
IC MICROSYSTEMS
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com