Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7542 Datasheet(PDF) 1 Page - IC MICROSYSTEMS

Part # ICM7542
Description  12/10/8-Bit Low Power Dual DACs With Serial Interface and Voltage Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7542 Datasheet(HTML) 1 Page - IC MICROSYSTEMS

  ICM7542 Datasheet HTML 1Page - IC MICROSYSTEMS ICM7542 Datasheet HTML 2Page - IC MICROSYSTEMS ICM7542 Datasheet HTML 3Page - IC MICROSYSTEMS ICM7542 Datasheet HTML 4Page - IC MICROSYSTEMS ICM7542 Datasheet HTML 5Page - IC MICROSYSTEMS ICM7542 Datasheet HTML 6Page - IC MICROSYSTEMS ICM7542 Datasheet HTML 7Page - IC MICROSYSTEMS ICM7542 Datasheet HTML 8Page - IC MICROSYSTEMS ICM7542 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ICM7562/7542/7522
Rev. A6
ICmic reserves the right to change specifications without prior notice
12/10/8-Bit Low Power Dual DACs
With Serial Interface and Voltage Output
FEATURES
12/10/8-Bit Dual DAC in 08 Lead MSOP
Package
Ultra-Low Power Consumption
Guaranteed Monotonic
Wide Output Voltage Swing
Three-wire SPI/QSP and Microwire Interface
Compatible
Three Software-Selectable Power-Down Output
Impedances (1 K Ohm, 100 K Ohm and Hi-Z)
Schmitt-Triggered Inputs for Direct Interfacing to
Opto-couplers
APPLICATION
Battery-Powered Applications
Industrial Process Control
Digital Gain and Offset Adjustment
OVERVIEW
The ICM7562, ICM7542 and ICM7522 are 12-Bit, 10-Bit
and 8-Bit Voltage Output, Low Power, Dual DACs
respectively, with guaranteed monotonic behavior. These
DACs are available in 08 Lead MSOP package. They have
three
Software-Selectable
Power-Down
Output
Impedances (1 K Ohm, 100 K Ohm and Hi-Z) as additional
safety feature for applications that drive transducers or
valves. The operating supply range is 2.7V to 5.5V.
The input interface is an easy to use three-wire SPI, QSPI
and Microwire compatible interface. The DAC has Schmitt-
Triggered Inputs for Direct Interfacing to Opto-couplers
easily.
BLOCK DIAGRAM
INPUT CONTROL LOGIC, REGISTERS AND LATCHES
INPUT
REGISTER A
REFIN
VOA
ICM7562/7542/7522
DAC
REGISTER A
DAC A
x 2
RESISTOR
NETWORK A
POWER DOWN CONTROL
INPUT
REGISTER B
DAC
REGISTER B
DAC B
x 2
RESISTOR
NETWORK B
VOB
SDI
SCK
CS
IC MICROSYSTEMS
ICmic


Similar Part No. - ICM7542

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7541 ICMIC-ICM7541 Datasheet
179Kb / 9P
   12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
ICM7541M ICMIC-ICM7541M Datasheet
179Kb / 9P
   12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
ICM7541MG ICMIC-ICM7541MG Datasheet
179Kb / 9P
   12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
ICM7543 ICMIC-ICM7543 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
ICM7543M ICMIC-ICM7543M Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
More results

Similar Description - ICM7542

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
   Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
logo
IC MICROSYSTEMS
ICM7372 ICMIC-ICM7372 Datasheet
184Kb / 11P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS with Serial Interface and Adjustable Output Offset
logo
Maxim Integrated Produc...
MAX5158 MAXIM-MAX5158 Datasheet
181Kb / 16P
   Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
Rev 1; 12/97
logo
IC MICROSYSTEMS
ICM7373 ICMIC-ICM7373 Datasheet
121Kb / 11P
   Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
logo
Maxim Integrated Produc...
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
logo
IC MICROSYSTEMS
ICM7377B ICMIC-ICM7377B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
logo
Maxim Integrated Produc...
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
logo
IC MICROSYSTEMS
ICM7620 ICMIC-ICM7620 Datasheet
222Kb / 12P
   12/10/8-Bit Low Power Voltage Output Quad DACs With Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com