Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1131N161D Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R1131N161D
Description  R1131N SERIES MARK SPECIFICATION
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1131N161D Datasheet(HTML) 1 Page - RICOH electronics devices division

  R1131N161D Datasheet HTML 1Page - RICOH electronics devices division  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MARK INFORMATION
ME-R1131N-0609
R1131N SERIES MARK SPECIFICATION
SOT-23-5 (SC-74A)
1
2
3
4
5
1
, 2 , 3
: Product Code (refer to Part Number vs. Product Code)
4
, 5
: Lot Number
Part Number vs. Product Code
Product Code
Product Code
Product Code
Part Number
1
2
3
Part Number
1
2
3
Part Number
1
2
3
R1131N081A
X
0
8
R1131N081B
Y
0
8
R1131N081D
Z
0
8
R1131N091A
X
0
9
R1131N091B
Y
0
9
R1131N091D
Z
0
9
R1131N101A
X
1
0
R1131N101B
Y
1
0
R1131N101D
Z
1
0
R1131N111A
X
1
1
R1131N111B
Y
1
1
R1131N111D
Z
1
1
R1131N121A
X
1
2
R1131N121B
Y
1
2
R1131N121D
Z
1
2
R1131N131A
X
1
3
R1131N131B
Y
1
3
R1131N131D
Z
1
3
R1131N141A
X
1
4
R1131N141B
Y
1
4
R1131N141D
Z
1
4
R1131N151A
X
1
5
R1131N151B
Y
1
5
R1131N151D
Z
1
5
R1131N161A
X
1
6
R1131N161B
Y
1
6
R1131N161D
Z
1
6
R1131N171A
X
1
7
R1131N171B
Y
1
7
R1131N171D
Z
1
7
R1131N181A
X
1
8
R1131N181B
Y
1
8
R1131N181D
Z
1
8
R1131N191A
X
1
9
R1131N191B
Y
1
9
R1131N191D
Z
1
9
R1131N201A
X
2
0
R1131N201B
Y
2
0
R1131N201D
Z
2
0
R1131N211A
X
2
1
R1131N211B
Y
2
1
R1131N211D
Z
2
1
R1131N221A
X
2
2
R1131N221B
Y
2
2
R1131N221D
Z
2
2
R1131N231A
X
2
3
R1131N231B
Y
2
3
R1131N231D
Z
2
3
R1131N241A
X
2
4
R1131N241B
Y
2
4
R1131N241D
Z
2
4
R1131N251A
X
2
5
R1131N251B
Y
2
5
R1131N251D
Z
2
5
R1131N261A
X
2
6
R1131N261B
Y
2
6
R1131N261D
Z
2
6
R1131N271A
X
2
7
R1131N271B
Y
2
7
R1131N271D
Z
2
7
R1131N281A
X
2
8
R1131N281B
Y
2
8
R1131N281D
Z
2
8
R1131N291A
X
2
9
R1131N291B
Y
2
9
R1131N291D
Z
2
9
R1131N301A
X
3
0
R1131N301B
Y
3
0
R1131N301D
Z
3
0
R1131N311A
X
3
1
R1131N311B
Y
3
1
R1131N311D
Z
3
1
R1131N321A
X
3
2
R1131N321B
Y
3
2
R1131N321D
Z
3
2
R1131N331A
X
3
3
R1131N331B
Y
3
3
R1131N331D
Z
3
3
R1131N181A5
X
0
0
R1131N181B5
Y
0
0
R1131N181D5
Z
0
0
R1131N281A5
X
0
1
R1131N281B5
Y
0
1
R1131N281D5
Z
0
1
R1131N121A5
X
0
2
R1131N121B5
Y
0
2
R1131N121D5
Z
0
2


Similar Part No. - R1131N161D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1131N161D RICOH-R1131N161D Datasheet
2Mb / 30P
   Low Voltage 300mA LDO REGULATOR
More results

Similar Description - R1131N161D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP103K RICOH-RP103K Datasheet
26Kb / 1P
   MARK INFORMATIONS SERIES MARK SPECIFICATION
RP103N RICOH-RP103N Datasheet
24Kb / 1P
   MARK INFORMATIONS SERIES MARK SPECIFICATION
R1180Q RICOH-R1180Q Datasheet
60Kb / 1P
   SERIES MARK SPECIFICATION
RP102N121B RICOH-RP102N121B Datasheet
25Kb / 1P
   MARK SPECIFICATION
R1173H RICOH-R1173H Datasheet
106Kb / 1P
   SERIES MARK SPECIFICATION
RP104K RICOH-RP104K Datasheet
28Kb / 1P
   RP104K SERIES MARK SPECIFICATION
R3112D RICOH-R3112D Datasheet
83Kb / 1P
   R3112D SERIES MARK SPECIFICATION
R5325N RICOH-R5325N Datasheet
27Kb / 1P
   R5325N SERIES MARK SPECIFICATION
RN5RL RICOH-RN5RL Datasheet
24Kb / 1P
   RN5RL SERIES MARK SPECIFICATION
R5511H RICOH-R5511H Datasheet
24Kb / 1P
   MARK INFORMATION ME-R5511H-0510 R5511H SERIES MARK SPECIFICATION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com