Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7543M Datasheet(PDF) 4 Page - IC MICROSYSTEMS

Part # ICM7543M
Description  12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7543M Datasheet(HTML) 4 Page - IC MICROSYSTEMS

  ICM7543M Datasheet HTML 1Page - IC MICROSYSTEMS ICM7543M Datasheet HTML 2Page - IC MICROSYSTEMS ICM7543M Datasheet HTML 3Page - IC MICROSYSTEMS ICM7543M Datasheet HTML 4Page - IC MICROSYSTEMS ICM7543M Datasheet HTML 5Page - IC MICROSYSTEMS ICM7543M Datasheet HTML 6Page - IC MICROSYSTEMS ICM7543M Datasheet HTML 7Page - IC MICROSYSTEMS ICM7543M Datasheet HTML 8Page - IC MICROSYSTEMS ICM7543M Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ICM7563/7543/7523
Rev. A7
ICmic reserves the right to change specifications without prior notice
4
DC ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 5.5V, VOUT unloaded; all specifications TMIN to TMAX unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Vout
Output Voltage Range
(Note 3)
0
VDD
V
VOSC
Short Circuit Current
60
150
mA
Rout
Output Impedance
Power-Down at 1 K Ohm
0.9
1
1.1
K
Power-Down at 100 K Ohm
90
100
110
K
Output Line Regulation
VDD=2.7V to 5.5V
-3.0
0.4
3.0
mV/V
LOGIC INPUTS
VIH
Digital Input High
(Note 2)
2.4
V
VIL
Digital Input Low
(Note 2)
0.8
V
Digital Input Leakage
5
AC ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 5.5V, VOUT unloaded; all specifications TMIN to TMAX unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
SR
Slew Rate
2
V/ s
Settling Time
8
s
Mid-scale Transition Glitch
Energy
40
nV-S
Note 1:
Linearity is defined from code 110 to 3990 (ICM7563)
Linearity is defined from code 16 to 1023 (ICM7543)
Linearity is defined from code 4 to 255 (ICM7523)
Note 2:
Guaranteed by design; not tested in production
Note 3:
See Applications Information
TIMING CHARACTERISTICS
(VDD = 2.7V to 5.5V, all specifications TMIN to TMAX unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
t1
SCK Cycle Time
(Note 2)
30
ns
t2
Data Setup Time
(Note 2)
10
ns
t3
Data Hold Time
(Note 2)
10
ns
t4
SCK Falling edge to
CS Rising
Edge
(Note 2)
0
ns
t5
CS Falling Edge to SCK Rising Edge
(Note 2)
15
ns
t6
Pulse Width
CS
(Note 2)
20
ns


Similar Part No. - ICM7543M

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7541 ICMIC-ICM7541 Datasheet
179Kb / 9P
   12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
ICM7541M ICMIC-ICM7541M Datasheet
179Kb / 9P
   12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
ICM7541MG ICMIC-ICM7541MG Datasheet
179Kb / 9P
   12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
ICM7542 ICMIC-ICM7542 Datasheet
186Kb / 10P
   12/10/8-Bit Low Power Dual DACs With Serial Interface and Voltage Output
ICM7542M ICMIC-ICM7542M Datasheet
186Kb / 10P
   12/10/8-Bit Low Power Dual DACs With Serial Interface and Voltage Output
More results

Similar Description - ICM7543M

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7562 ICMIC-ICM7562 Datasheet
186Kb / 10P
   12/10/8-Bit Low Power Dual DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
logo
IC MICROSYSTEMS
ICM7377B ICMIC-ICM7377B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
ICM7620 ICMIC-ICM7620 Datasheet
222Kb / 12P
   12/10/8-Bit Low Power Voltage Output Quad DACs With Parallel Interface
logo
Maxim Integrated Produc...
MAX536 MAXIM-MAX536_11 Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX536 MAXIM-MAX536 Datasheet
361Kb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 2a; 1/97
logo
IC MICROSYSTEMS
ICM7372 ICMIC-ICM7372 Datasheet
184Kb / 11P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS with Serial Interface and Adjustable Output Offset
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com