Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24C01MIG-3.5 Datasheet(PDF) 8 Page - IC MICROSYSTEMS

Part # X24C01MIG-3.5
Description  Serial E2PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C01MIG-3.5 Datasheet(HTML) 8 Page - IC MICROSYSTEMS

Back Button X24C01MIG-3.5 Datasheet HTML 4Page - IC MICROSYSTEMS X24C01MIG-3.5 Datasheet HTML 5Page - IC MICROSYSTEMS X24C01MIG-3.5 Datasheet HTML 6Page - IC MICROSYSTEMS X24C01MIG-3.5 Datasheet HTML 7Page - IC MICROSYSTEMS X24C01MIG-3.5 Datasheet HTML 8Page - IC MICROSYSTEMS X24C01MIG-3.5 Datasheet HTML 9Page - IC MICROSYSTEMS X24C01MIG-3.5 Datasheet HTML 10Page - IC MICROSYSTEMS X24C01MIG-3.5 Datasheet HTML 11Page - IC MICROSYSTEMS X24C01MIG-3.5 Datasheet HTML 12Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
X24C01
Supply Voltage
Limits
X24C01
4.5V to 5.5V
X24C01-3.5
3.5V to 5.5V
X24C01-3
3.0V to 5.5V
X24C01-2.7
2.7V to 5.5V
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias
.................. –65°C to +135°C
Storage Temperature ....................... –65°C to +150°C
Voltage on any Pin with
Respect to VSS ............................ –1.0V to +7.0V
D.C. Output Current ............................................ 5 mA
Lead Temperature (Soldering,
10 Seconds)
............................. 300°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0°C
70°C
Industrial
–40°C
+85°C
Military
–55°C
+125°C
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions, unless otherwise specified)
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
I
CC
(1)
VCC Supply Current (Read)
1
mA
SCL = VCC x 0.1/VCC x 0.9 Levels
I
CC
(2)
VCC Supply Current (Write)
2
@ 100 KHz, SDA = Open
I
SB1
(1)
VCC Standby Current
100
A
SCL = SDA = VCC,
VCC = 5V ± 10%
I
SB2
(1)
VCC Standby Current
50
A
SCL = SDA = VCC, VCC = 2.7V
ILI
Input Leakage Current
10
A
VIN = GND to VCC
ILO
Output Leakage Current
10
A
VOUT = GND to VCC
V
lL
(2)
Input Low Voltage
–1.0
VCC x 0.3
V
V
IH
(2)
Input High Voltage
VCC x 0.7VCC + 0.5
V
VOL
Output Low Voltage
0.4
V
IOL = 2.1 mA
3837 PGM T03
CAPACITANCE TA = 25°C, f = 1.0 MHz, VCC = 5V
Symbol
Parameter
Max.
Units
Test Conditions
CI/O(3)
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN(3)
Input Capacitance (SCL)
6
pF
VIN = 0V
3837 PGM T05
Notes: (1) Must perform a stop command prior to measurement.
(2) VIL min. and VIH max. are for reference only and are not tested.
(3) This parameter is periodically sampled and not 100% tested.


Similar Part No. - X24C01MIG-3.5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C01MI XICOR-X24C01MI Datasheet
56Kb / 14P
   Serial E2PROM
X24C01MI-2.7 XICOR-X24C01MI-2.7 Datasheet
56Kb / 14P
   Serial E2PROM
X24C01MI-3 XICOR-X24C01MI-3 Datasheet
56Kb / 14P
   Serial E2PROM
X24C01MI-3.5 XICOR-X24C01MI-3.5 Datasheet
56Kb / 14P
   Serial E2PROM
More results

Similar Description - X24C01MIG-3.5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24C02 ICMIC-X24C02 Datasheet
295Kb / 16P
   Serial E2PROM
X24C01A ICMIC-X24C01A Datasheet
272Kb / 13P
   Serial E2PROM
logo
Xicor Inc.
X24042 XICOR-X24042 Datasheet
62Kb / 15P
   Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
   Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
   Serial E2PROM
X24012 XICOR-X24012 Datasheet
59Kb / 14P
   Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
   Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
   Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
   Serial E2PROM
X24C16 XICOR-X24C16 Datasheet
62Kb / 15P
   Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com