Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC157 Datasheet(PDF) 4 Page - STMicroelectronics

Part # HC157
Description  QUAD 2 CHANNEL MULTIPLEXER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HC157 Datasheet(HTML) 4 Page - STMicroelectronics

  HC157 Datasheet HTML 1Page - STMicroelectronics HC157 Datasheet HTML 2Page - STMicroelectronics HC157 Datasheet HTML 3Page - STMicroelectronics HC157 Datasheet HTML 4Page - STMicroelectronics HC157 Datasheet HTML 5Page - STMicroelectronics HC157 Datasheet HTML 6Page - STMicroelectronics HC157 Datasheet HTML 7Page - STMicroelectronics HC157 Datasheet HTML 8Page - STMicroelectronics HC157 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CAPACITIVE CHARACTERISTICS
Symb ol
Parameter
T est Cond ition s
Val ue
Un it
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
CIN
Input Capacitance
4
10
10
pF
CPD
Power Dissipation
Capacitance (note 1)
20
pF
1) CPD isdefined as the value of the IC’sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto
Test Circuit).Average operating current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC/4 (per Channel)
AC ELECTRICAL CHARACTERISTICS (Input tr =tf =3 ns)
Symb ol
Parameter
Test Co nditi on
Val ue
Un it
VCC
(V)
CL
(pF )
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
tPLH
tPHL
Propagation Delay
Time
A, B to Y
3.3
(*)
15
6.2
9.7
1.0
11.5
ns
3.3
(*)
50
8.7
13.2
1.0
15.0
5.0
(**)
15
4.1
6.4
1.0
7.5
5.0
(**)
50
5.6
8.4
1.0
9.5
tPLH
tPHL
Propagation Delay
Time
SELECT to Y
3.3
(*)
15
8.4
13.2
1.0
15.5
ns
3.3
(*)
50
10.9
16.7
1.0
19.0
5.0
(**)
15
5.3
8.1
1.0
9.5
5.0
(**)
50
6.8
10.1
1.0
11.5
tPLH
tPHL
Propagation Delay
Time
STROBE to Y
3.3
(*)
15
8.7
13.6
1.0
16.0
ns
3.3
(*)
50
11.2
17.1
1.0
19.5
5.0
(**)
15
5.6
8.6
1.0
10.0
5.0
(**)
50
7.1
10.6
1.0
12.0
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5V
± 0.5V
74VHC157
4/9


Similar Part No. - HC157

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HC157 STMICROELECTRONICS-HC157 Datasheet
251Kb / 11P
   HC158 QUAD 2 CHANNEL MULTIPLEXER INV. HC157 QUAD 2 CHANNEL MULTIPLEXER
More results

Similar Description - HC157

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
May 1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER
74VHCT157A STMICROELECTRONICS-74VHCT157A Datasheet
64Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHCT157A ONSEMI-MC74VHCT157A Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer
April, 2001 ??Rev. 1
logo
Toshiba Semiconductor
TC74AC157P TOSHIBA-TC74AC157P Datasheet
266Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHC157 ONSEMI-MC74VHC157 Datasheet
231Kb / 7P
   Quad 2--Channel Multiplexer
March, 2006 -- Rev. 5
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157_01 Datasheet
275Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74LVX157 ONSEMI-MC74LVX157_14 Datasheet
114Kb / 6P
   Quad 2-Channel Multiplexer
August, 2014 ??Rev. 4
logo
Motorola, Inc
MC74VHC157 MOTOROLA-MC74VHC157 Datasheet
149Kb / 6P
   Quad 2-Channel Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com