Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X24C01AS8G-3 Datasheet(PDF) 10 Page - IC MICROSYSTEMS

Part # X24C01AS8G-3
Description  Serial E2PROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C01AS8G-3 Datasheet(HTML) 10 Page - IC MICROSYSTEMS

Back Button X24C01AS8G-3 Datasheet HTML 5Page - IC MICROSYSTEMS X24C01AS8G-3 Datasheet HTML 6Page - IC MICROSYSTEMS X24C01AS8G-3 Datasheet HTML 7Page - IC MICROSYSTEMS X24C01AS8G-3 Datasheet HTML 8Page - IC MICROSYSTEMS X24C01AS8G-3 Datasheet HTML 9Page - IC MICROSYSTEMS X24C01AS8G-3 Datasheet HTML 10Page - IC MICROSYSTEMS X24C01AS8G-3 Datasheet HTML 11Page - IC MICROSYSTEMS X24C01AS8G-3 Datasheet HTML 12Page - IC MICROSYSTEMS X24C01AS8G-3 Datasheet HTML 13Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
X24C01A
10
WRITE CYCLE LIMITS
Symbol
Parameter
Min.
Typ.
(5)
Max.
Units
t
WR
(6)
Write Cycle Time
5
10
ms
3841 PGM T10
The write cycle time is the time from a valid stop
condition of a write sequence to the end of the internal
erase/program cycle. During the write cycle, the X24C01A
bus interface circuits are disabled, SDA is allowed to remain
high, and the device does not respond to its slave address.
Write Cycle Timing
SDA
8th BIT
WORD n
ACK
t
WR
STOP
CONDITION
START
CONDITION
X24C01A
ADDRESS
SCL
3841 FHD F04
Guidelines for Calculating Typical Values of Bus
Pull-Up Resistors
SYMBOL TABLE
Must be
steady
Will be
steady
May change
from Low to
High
Will change
from Low to
High
May change
from High to
Low
Will change
from High to
Low
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
OUTPUTS
INPUTS
WAVEFORM
3841 FHD F16
120
100
80
40
60
20
20 40
60
80100120
0
0
BUS CAPACITANCE (pF)
MIN.
RESISTANCE
MAX.
RESISTANCE
R
MAX
=
C
BUS
t
R
R
MIN
=
I
OL MIN
V
CC MAX
=1.8KΟ
Notes:(5) Typical values are for T A = 25°C and nominal supply voltage (5V).
(6) tWR is the minimum cycle time from the system perspective when polling techniques are not used. It is the maximum time the device
requires to perform the internal write operation.


Similar Part No. - X24C01AS8G-3

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C01AS8 XICOR-X24C01AS8 Datasheet
58Kb / 13P
   Serial E2PROM
X24C01AS8-3 XICOR-X24C01AS8-3 Datasheet
58Kb / 13P
   Serial E2PROM
X24C01AS8-3.5 XICOR-X24C01AS8-3.5 Datasheet
58Kb / 13P
   Serial E2PROM
X24C01AS8I XICOR-X24C01AS8I Datasheet
58Kb / 13P
   Serial E2PROM
X24C01AS8I-3 XICOR-X24C01AS8I-3 Datasheet
58Kb / 13P
   Serial E2PROM
More results

Similar Description - X24C01AS8G-3

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X24C04 XICOR-X24C04 Datasheet
78Kb / 18P
   Serial E2PROM
logo
IC MICROSYSTEMS
X24C02 ICMIC-X24C02 Datasheet
295Kb / 16P
   Serial E2PROM
logo
Xicor Inc.
X24042 XICOR-X24042 Datasheet
62Kb / 15P
   Serial E2PROM
X24C00 XICOR-X24C00 Datasheet
44Kb / 11P
   Serial E2PROM
X24C08 XICOR-X24C08 Datasheet
62Kb / 16P
   Serial E2PROM
X24012 XICOR-X24012 Datasheet
59Kb / 14P
   Serial E2PROM
X24C02 XICOR-X24C02 Datasheet
66Kb / 16P
   Serial E2PROM
X24026 XICOR-X24026 Datasheet
64Kb / 15P
   Serial E2PROM
X24C01 XICOR-X24C01 Datasheet
56Kb / 14P
   Serial E2PROM
X24C16 XICOR-X24C16 Datasheet
62Kb / 15P
   Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com